công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC0801S040 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện ADC0801S040
Giải thích chi tiết về linh kiện  Single 8 bits ADC, up to 40 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0801S040 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

Back Button ADC0801S040 Datasheet HTML 3Page - Integrated Device Technology ADC0801S040 Datasheet HTML 4Page - Integrated Device Technology ADC0801S040 Datasheet HTML 5Page - Integrated Device Technology ADC0801S040 Datasheet HTML 6Page - Integrated Device Technology ADC0801S040 Datasheet HTML 7Page - Integrated Device Technology ADC0801S040 Datasheet HTML 8Page - Integrated Device Technology ADC0801S040 Datasheet HTML 9Page - Integrated Device Technology ADC0801S040 Datasheet HTML 10Page - Integrated Device Technology ADC0801S040 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
3ADC0801S040_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 18
Integrated Device Technology
ADC0801S040
Single 8 bits ADC, up to 40 MHz
Digital outputs D7 to D0 and IR (Referenced to VSSD)
VOL
LOW-level output
voltage
IO = 1 mA
0
-
0.5
V
VOH
HIGH-level output
voltage
IO = 1 mA
VDDO  0.5
-
VDDO
V
IOZ
OFF-state output current 0.4 V < VO < VDDO
20
-
+20
A
Clock input CLK; see Figure 4[1]
fclk(max)
maximum clock
frequency
40
-
-
MHz
tw(clk)H
HIGH clock pulse width
9
-
-
ns
tw(clk)L
LOW clock pulse width
9
-
-
ns
Analog signal processing (fclk = 40 MHz)
Linearity
INL
integral non-linearity
ramp input; see Figure 6
-
0.5
0.75
LSB
DNL
differential non-linearity
ramp input; see Figure 7
-
0.25
0.5
LSB
Bandwidth
B
bandwidth
full-scale sine wave
[4] -
10
MHz
75 % full-scale sine wave
-
13
MHz
50 % full-scale sine wave
-
20
MHz
small signal at mid scale;
Vi = 10 LSB at code 128
-
350
MHz
Input set response; see Figure 8[5]
ts(LH)
LOW to HIGH settling
time
full-scale square wave
-
3
5
ns
ts(HL)
HIGH to LOW settling
time
full-scale square wave
-
3
5
ns
Harmonics; see Figure 9[6]
THD
total harmonic distortion fi = 4.43 MHz
-
50
-
dB
Signal-to-Noise ratio; see Figure 9[6]
S/N
signal-to-noise ratio
without harmonics;
fi= 4.43 MHz
-
47
-
dB
Effective bits; see Figure 9[6]
ENOB
effective number of bits
fi = 300 MHz
-
7.8
-
bits
fi = 4.43 MHz
-
7.3
-
bits
Differential gain[7]
Gdif
differential gain
PAL modulated ramp
-
1.5
-
%
Table 6.
Characteristics …continued
VDDA = V5 to V6 = 3.3 V; VDDD = V3 to V4 = 3.3 V; VDDO = V20 to V11 = 3.3 V; VSSA, VSSD and VSSO shorted together; Vi(a)(p-p)
= 1.84 V; CL = 20 pF; Tamb = 0 C to 70 C; typical values measured at Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Số phần tương tự - ADC0801S040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040TS NXP-ADC0801S040TS Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
More results

Mô tả tương tự - ADC0801S040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com