công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1ZB56 bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
1ZB56 bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 3 page Silicon planar power zener diodes For use in stabilizing and clipping curcuits with high power rating. Standard zener voltage tolerance is ±10%. Add Case:DO-41 Terminals: Solderable per MIL-STD-202, method 208 Polarity: Cathode band Marking: Type number Approx. Weight: 0.34grams. Ratings at 25 ambient temperature unless otherwise specified. UNIT VALUE SYMBOL suffix "A" for ±5% tolerance. Other zener voltage and tolerances are available upon request. POWER DISSIPATION: 1.0 W DO - 41 W Zener current (see Table "Characteristics") N OTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. Junction temperature TJ -40---+150 Storage temperature range Ts -40---+150 Pow er dissipation at Tamb=25 Ptot 1.01) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Dimensions in millimeters 1ZB6.8-1ZB390 Zener Diodes Features Mechanical Data http://www.luguang.cn mail:lge@luguang.cn |
Số phần tương tự - 1ZB56 |
|
Mô tả tương tự - 1ZB56 |