công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT2440FN bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
SN74ACT2440FN bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 33 page SN74ACT2440 NuBus ™ INTERFACE CONTROLLER SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 11 maximum block-transfer performance As a master, the ’ACT2440 is capable of supporting the maximum block transfer rate of 37.6M-bytes/second (one start cycle followed by 16 consecutive 100-ns data cycles). Figure 12 shows a more typical situation where the slave controls the block transfer rate via the intermediate acknowledge signal (TM0). Note that the ’ACT2440 generates a data clock (DCLK) every clock cycle that TM0 is low. The final data cycle is a normal acknowledge cycle. In slave block transfer mode, the ’ACT2440 has been designed to provide a simple handshake between the slave interim acknowledge (SIACK) input and the slave external request (SEREQ) output as shown in Figure 15. Note that each data clock (DCLK) cycle goes high for 100 ns as a result of the simple handshake between SIACK and SEREQ. In this simpler mode of operation, the maximum intermediate data transfer rate when using the ’ACT2441 is 200 ns, which equates to approximately 20M-bytes/second. NuBus ™ cycles from the parked position As long as RQST remains unasserted, the bus owner is considered to be parked on the bus and may continue to use the bus without the necessity of going through an arbitration contest in which it is the only contender. The ANSI/IEEE 1196-1987 specification requires that as soon as another module drives the RQST line asserted, an arbitration contest is started and the present bus owner (currently parked on the bus) must not begin another transaction. The concept of bus parking reduces the average time needed to acquire the bus in systems with a small number of active contenders. When using the ’ACT2440 NuBus ™ controller from a parked position, the local board does not know if it remains the NuBus ™ master and begins another transaction until the START signal has been generated. In other words, just because the local board has taken MRDY and NREQ active (low), does not mean the ’ACT2440 continues to own the bus and has generated a START cycle. When the ’ACT2440 is in the parked position (NMSTR high) and no other masters are requesting the bus, a start cycle is generated on the driving edge after NREQ and MRDY are taken active (low). Figure 16 shows a situation where an old NuBus ™ master is initially parked on the bus and is attempting to issue another START cycle (by taking MRDY low); but loses to a new master who is attempting to access data from resources that are available on the old master’s board. In other words, the new master wins the bus and is trying to use the old master as a slave. This situation is similar to the local resource conflict timing diagram shown in Figure 6. In Figure 16, the old master learns that it has lost the bus by detecting that NMSTR has gone inactive (low) during the start cycle. The new master, which has just won the bus and has generated a start cycle, is attempting to access data from the old master. The slave external request (SEREQ) output on the old master detects this access request by going active (low) on the first sample edge after the start cycle. At this time, the old master may want to take MRDY back to the inactive level (as shown in Figure 16) so that it has control of the START signal after winning back the bus. If MRDY is not taken back to the inactive level (high) after losing the bus, then the ’ACT2440 immediately issues a start cycle after the acknowledge cycle has been generated. If the new master was directing the access cycle at a different slave, then the SEREQ output on the old master would remain inactive (high) and the MRDY input on the old master can be kept low in order to generate a start cycle as soon as the old master wins back the bus. Notice from the timing diagram that if the old master takes MRDY low at the same time or in the following cycle, then the old master loses to the new master. If the old master takes MRDY low on the cycle before the new master takes RQST low, then the old master retains the bus and completes its cycle. |
Số phần tương tự - SN74ACT2440FN |
|
Mô tả tương tự - SN74ACT2440FN |