công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C26BFJM bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện SM320C26BFJM
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26BFJM bảng dữ liệu(HTML) 3 Page - Texas Instruments

  SM320C26BFJM Datasheet HTML 1Page - Texas Instruments SM320C26BFJM Datasheet HTML 2Page - Texas Instruments SM320C26BFJM Datasheet HTML 3Page - Texas Instruments SM320C26BFJM Datasheet HTML 4Page - Texas Instruments SM320C26BFJM Datasheet HTML 5Page - Texas Instruments SM320C26BFJM Datasheet HTML 6Page - Texas Instruments SM320C26BFJM Datasheet HTML 7Page - Texas Instruments SM320C26BFJM Datasheet HTML 8Page - Texas Instruments SM320C26BFJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
SMJ320C26
DIGITAL SIGNAL PROCESSOR
SGUS 016A – AUGUST 1990 – REVISED AUGUST 2001
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PIN NOMENCLATURE
NAME
I/O/Z†
DEFINITION
VCC
I
5-V supply pins.
VSS
I
Ground pins.
X1
O
Output from internal oscillator for crystal.
X2/CLKIN
I
Input to internal oscillator from crystal or external clock.
CLKOUT1
O
Master clock output (crystal or CLKIN frequency/4).
CLKOUT2
O
A second clock output signal.
D15–D0
I/O/Z
16-bit data bus D15 (MSB) through D0 (LSB). Multiplexed between program, data and I/O spaces.
A15–A0
O/Z
16-bit address bus A15 (MSB) through A0 (LSB).
PS, DS, IS
O/Z
Program, data and I/O space select signals.
R/W
O/Z
Read/write signal.
STRB
O/Z
Strobe signal.
RS
I
Reset input.
INT2, INT1, INT0
I
External user interrupt inputs.
MP/MC
I
Microprocessor/microcomputer mode select pin.
MSC
O
Microstate complete signal.
IACK
O
Interrupt acknowledge signal.
READY
I
Data ready input. Asserted by external logic when using slower devices to indicate that the current bus transaction
is complete.
BR
O
Bus request signal. Asserted when the SMJ320C26 requires access to an external global data memory space.
XF
O
External flag output (latched software – programmable signal).
HOLD
I
Hold input. When asserted, SMJ320C26 goes into an idle mode and places the data address and control lines
in the high-impedance state.
HOLDA
O
Hold acknowledge signal.
SYNC
I
Synchronization input.
BIO
I
Branch control input. Polled by BIOZ instruction.
DR
I
Serial data receive input.
CLKR
I
Clock input for serial port receiver.
FSR
I
Frame synchronization pulse for receive input.
DX
O/Z
Serial data transmit output.
CLKX
I
Clock input for serial port transmitter.
FSX
I/O/Z
Frame synchronization pulse for transmit. May be configured as either an input or an output.
† I/O/Z denotes input/output/high-impedance state.


Số phần tương tự - SM320C26BFJM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C26BFJM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com