công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C50GFAM66 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện SM320C50GFAM66
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50GFAM66 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SM320C50GFAM66 Datasheet HTML 7Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 8Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 9Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 10Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 11Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 12Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 13Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 14Page - Texas Instruments SM320C50GFAM66 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50 Ω
Where:
IOL
=
2.0 mA (all outputs)
IOH
=
300 μA (all outputs)
VLOAD
=1.5 V
CT
=
80 pF typical load circuit capacitance
Figure 1. Test Load Circuit
signal transition levels
Transistor-to-transistor logic (TTL) output levels are driven to a minimum logic-high level of 2.4 V and to a
maximum logic-low level of 0.6 V. Figure 2 shows the TTL-level outputs.
0.6 V
1V
2V
2.4 V
Figure 2. TTL-Level Outputs
TTL-output transition times are specified as follows:
D
For a high-to-low transition, the level at which the output is said to be no longer high is 2 V, and the level
at which the output is said to be low is 1 V.
D
For a low-to-high transition, the level at which the output is said to be no longer low is 1 V, and the level
at which the output is said to be high is 2 V.
Figure 3 shows the TTL-level inputs.
2.2 V
0.6 V
Figure 3. TTL-Level Inputs
TTL-compatible input transition times are specified as follows:
D
For a high-to-low transition on an input signal, the level at which the input is said to be no longer high
is 2 V, and the level at which the input is said to be low is 0.8 V.
D
For a low to high transisiton on an input signal, the level at which the input is said to be no longer low
is 0.8 V, and the level at which the input is said to be high is 2 V.


Số phần tương tự - SM320C50GFAM66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C50-EP TI1-SM320C50-EP Datasheet
442Kb / 29P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50PQI80EP TI1-SM320C50PQI80EP Datasheet
442Kb / 29P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50PQM66EP TI1-SM320C50PQM66EP Datasheet
442Kb / 29P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320C50GFAM66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com