công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6414-EP bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện SM320C6414-EP
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6414-EP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SM320C6414-EP Datasheet HTML 7Page - Texas Instruments SM320C6414-EP Datasheet HTML 8Page - Texas Instruments SM320C6414-EP Datasheet HTML 9Page - Texas Instruments SM320C6414-EP Datasheet HTML 10Page - Texas Instruments SM320C6414-EP Datasheet HTML 11Page - Texas Instruments SM320C6414-EP Datasheet HTML 12Page - Texas Instruments SM320C6414-EP Datasheet HTML 13Page - Texas Instruments SM320C6414-EP Datasheet HTML 14Page - Texas Instruments SM320C6414-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
1.4.6 Peripheral Register Descriptions
SM320C6414-EP, SM320C6415-EP, SM320C6416-EP
FIXED-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS043D – MAY 2003 – REVISED SEPTEMBER 2008
Table 1-4 through Table 1-24 identify the peripheral registers for the C6414, C6415, and C6416 devices
by their register names, acronyms, and hex address or hex address range. For more detailed information
on the register contents and bit names and their descriptions, see the TMS320C6000 Peripherals
Reference Guide (literature number SPRU190).
Table 1-4. EMIFA Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0180 0000
GBLCTL
EMIFA Global Control
0180 0004
CECTL1
EMIFA CE1 Space Control
0180 0008
CECTL0
EMIFA CE0 Space Control
0180 000C
Reserved
0180 0010
CECTL2
EMIFA CE2 Space Control
0180 0014
CECTL3
EMIFA CE3 Space Control
0180 0018
SDCTL
EMIFA SDRAM Control
0180 001C
SDTIM
EMIFA SDRAM Refresh Control
0180 0020
SDEXT
EMIFA SDRAM Extension
0180 0024–0180 003C
Reserved
0180 0040
PDTCTL
Peripheral Device Transfer (PDT) Control
0180 0044
CESEC1
EMIFA CE1 Space Secondary Control
0180 0048
CESEC0
EMIFA CE0 Space Secondary Control
0180 004C
Reserved
0180 0050
CESEC2
EMIFA CE2 Space Secondary Control
0180 0054
CESEC3
EMIFA CE3 Space Secondary Control
0180 0058–0183 FFFF
Reserved
Table 1-5. EMIFB Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
01A8 0000
GBLCTL
EMIFB Global Control
01A8 0004
CECTL1
EMIFB CE1 Space Control
01A8 0008
CECTL0
EMIFB CE0 Space Control
01A8 000C
Reserved
01A8 0010
CECTL2
EMIFB CE2 Space Control
01A8 0014
CECTL3
EMIFB CE3 Space Control
01A8 0018
SDCTL
EMIFB SDRAM Control
01A8 001C
SDTIM
EMIFB SDRAM Refresh Control
01A8 0020
SDEXT
EMIFB SDRAM Extension
01A8 0024–01A8 003C
Reserved
01A8 0040
PDTCTL
Peripheral Device Transfer (PDT) Control
01A8 0044
CESEC1
EMIFB CE1 Space Secondary Control
01A8 0048
CESEC0
EMIFB CE0 Space Secondary Control
01A8 004C
Reserved
01A8 0050
CESEC2
EMIFB CE2 Space Secondary Control
01A8 0054
CESEC3
EMIFB CE3 Space Secondary Control
01A8 0058–01AB FFFF
Reserved
Submit Documentation Feedback
Introduction
11


Số phần tương tự - SM320C6414-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Mô tả tương tự - SM320C6414-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com