công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6202GJLA20EP bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện SM320C6202GJLA20EP
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6202GJLA20EP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SM320C6202GJLA20EP Datasheet HTML 5Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 6Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 7Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 8Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 9Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 10Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 11Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 12Page - Texas Instruments SM320C6202GJLA20EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
SM320C6202EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS044−JULY 2003
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6202 device. The C6202 device has the capability of
a MAP 0 or MAP 1 memory block configuration. These memory block configurations are set up at reset by the
boot configuration pins (generically called BOOTMODE[4:0]). For the C6202 device, the BOOTMODE
configuration is handled, at reset, by the expansion bus module (specifically XD[4:0] pins). For more detailed
information on the C6202 device settings, which include the device boot mode configuration at reset and other
device-specific configurations, see the Boot Configuration section and the Boot Configuration Summary table
of the TMS320C6000 Peripherals Reference Guide (literature number SPRU190).
Table 2. SM320C6202 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE
HEX ADDRESS RANGE
MAP 0
MAP 1
BLOCK SIZE
(BYTES)
HEX ADDRESS RANGE
External Memory Interface (EMIF) CE0
Internal Program RAM
256K
0000_0000–0003_FFFF
EMIF CE0
Reserved
4M–256K
0004_0000–003F_FFFF
EMIF CE0
EMIF CE0
12M
0040_0000–00FF_FFFF
EMIF CE1
EMIF CE0
4M
0100_0000−013F_FFFF
Internal Program RAM
EMIF CE1
256K
0140_0000–0143_FFFF
Reserved
EMIF CE1
4M–256K
0144_0000–017F_FFFF
EMIF Registers
256K
0180_0000–0183_FFFF
DMA Controller Registers
256K
0184_0000–0187_FFFF
Expansion Bus (XBus) Registers
256K
0188_0000–018B_FFFF
McBSP 0 Registers
256K
018C_0000–018F_FFFF
McBSP 1 Registers
256K
0190_0000–0193_FFFF
Timer 0 Registers
256K
0194_0000–0197_FFFF
Timer 1 Registers
256K
0198_0000–019B_FFFF
Interrupt Selector Registers
512
019C_0000–019C_01FF
Power-Down Registers
256K–512
019C_0200–019F_FFFF
Reserved
256K
01A0_0000–01A3_FFFF
McBSP 2 Registers
256K
01A4_0000−01A7_FFFF
Reserved
5.5M
01A8_0000–01FF_FFFF
EMIF CE2
16M
0200_0000–02FF_FFFF
EMIF CE3
16M
0300_0000–03FF_FFFF
Reserved
1G–64M
0400_0000–3FFF_FFFF
XBus XCE0
256M
4000_0000–4FFF_FFFF
XBus XCE1
256M
5000_0000–5FFF_FFFF
XBus XCE2
256M
6000_0000–6FFF_FFFF
XBus XCE3
256M
7000_0000–7FFF_FFFF
Internal Data RAM
128K
8000_0000–8001_FFFF
Reserved
2G–128K
8002_0000–FFFF_FFFF


Số phần tương tự - SM320C6202GJLA20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6202BGDP167 TI-SM320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGFN167 TI-SM320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGGP167 TI-SM320C6202BGGP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGHK167 TI-SM320C6202BGHK167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGJC167 TI-SM320C6202BGJC167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Mô tả tương tự - SM320C6202GJLA20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com