công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C6201GJCA20EP bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320C6201GJCA20EP
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6201GJCA20EP bảng dữ liệu(HTML) 3 Page - Texas Instruments

  SM320C6201GJCA20EP Datasheet HTML 1Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 2Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 3Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 4Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 5Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 6Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 7Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 8Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
SM320C6201-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SGUS041A -- MAY 2003 -- REVISED JANUARY 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description (continued)
The C6201 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program
memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space.
Data memory of the C6201 consists of two 32K-byte blocks of RAM for improved concurrency. The peripheral
set includes two multichannel buffered serial ports (McBSPs), two general-purpose timers, a host-port interface
(HPI), and a glueless external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and
asynchronous peripherals.
The C62x™ DSP has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows™ debugger interface for visibility into source
code execution.
device characteristics
Table 1 provides an overview of the C6201 DSP. The table shows significant features of each device, including
the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count.
Table 1. Characteristics of the C6201 Processor
HARDWARE FEATURES
C6201 (FIXED-POINT DSP)
EMIF
1
DMA
1
Peripherals
HPI
1
Peripherals
McBSPs
2
32-Bit Timers
2
Size (Bytes)
72K
On-Chip Memory
Organization
512-Kbit Program Memory
512-Kbit Data Memory (organized as two blocks)
CPU ID+Rev ID
Control Status Register (CSR.[31:16])
0x0002
Frequency
MHz
200
Cycle Time
ns
5 ns (C6201-200)
Voltage
Core (V)
1.8
Voltage
I/O (V)
3.3
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4
BGA Packages
27 x 27 mm
352-Pin BGA (GJL)
BGA Packages
35 x 35 mm
352-Pin BGA (GJC)
Process Technology
μm
0.18 μm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
Device Part Numbers
(For more details on the C6000™ DSP part
numbering, see Figure 4)
SM320C6201GJCA20EP
C6000 is a trademark of Texas Instruments.


Số phần tương tự - SM320C6201GJCA20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C6201GLE TI-SM320C6201GLE Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201GLP TI-SM320C6201GLP Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Mô tả tương tự - SM320C6201GJCA20EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com