công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MVT040A0X3-SRPHZ bảng dữ liệu(PDF) 1 Page - Lineage Power Corporation

tên linh kiện MVT040A0X3-SRPHZ
Giải thích chi tiết về linh kiện  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MVT040A0X3-SRPHZ bảng dữ liệu(HTML) 1 Page - Lineage Power Corporation

  MVT040A0X3-SRPHZ Datasheet HTML 1Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 2Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 3Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 4Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 5Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 6Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 7Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 8Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-Isolated DC-DC Power Modules
4.5Vdc –14.4Vdc input; 0.6Vdc to 2.0Vdc output; 40A Output Current
*UL is a registered trademark of Underwriters Laboratories, Inc.
Document No: DS11-016 ver. 0.2
CSA is a registered trademark of Canadian Standards Association.
PDF name: MVT040A0X.pdf
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Features
Compliant to RoHS EU Directive 2002/95/EC (Z
versions)
Compatible in a Pb-free or SnPb reflow
environment (Z versions)`+
Wide Input voltage range (4.5Vdc-14.4Vdc)
Output voltage programmable from 0.6Vdc to
2.0Vdc via external resistor
Tunable Loop
TM to optimize dynamic output
voltage response
Power Good signal
Fixed switching frequency with capability of
external synchronization
Output overcurrent protection (non-latching)
Overtemperature protection
Remote On/Off
Ability to sink and source current
Cost efficient open frame design
Small size: 33.02 mm x 13.46 mm x 10.9 mm
(1.3 in x 0.53 in x 0.429 in)
Wide operating temperature range [-40°C to
105°C]
Ruggedized (-D) version able to withstand high
levels of shock and vibration
UL* 60950-1 2
nd Ed. Recognized, CSAC22.2
No. 60950-1-07 Certified, and VDE
(EN60950-
1 2
nd Ed.) Licensed
ISO** 9001 and ISO 14001 certified
manufacturing facilities
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Industrial equipment
Description
The 40A Analog Mega DLynx
TM power modules are non-isolated dc-dc converters that can deliver up to 40A of
output current. These modules operate over a wide range of input voltage (VIN = 4.5Vdc-14.4Vdc) and provide a
precisely regulated output voltage from 0.6Vdc to 2.0Vdc, programmable via an external resistor. Features include
remote On/Off, adjustable output voltage, over current and overtemperature protection. The module also includes
the Tunable Loop
TM feature that allows the user to optimize the dynamic response of the converter to match the load
with reduced amount of output capacitance leading to savings on cost and PWB area.
ADDR0
TRIM
VOUT
VS+
SYNC
RTUNE
CTUNE
RTrim
VIN
Co
Cin
Vout+
Vin+
ON/OFF
SEQ
MODULE
PGOOD
SIG_GND
RADDR0
VS-
GND
GND
RoHS Compliant


Số phần tương tự - MVT040A0X3-SRPHZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MVT-2510 ETC1-MVT-2510 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2511 ETC1-MVT-2511 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2512 ETC1-MVT-2512 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2513 ETC1-MVT-2513 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2514 ETC1-MVT-2514 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

Mô tả tương tự - MVT040A0X3-SRPHZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com