công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM34020AGBS40 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM34020AGBS40
Giải thích chi tiết về linh kiện  GRAPHICS SYSTEM PROCESSOR
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM34020AGBS40 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SM34020AGBS40 Datasheet HTML 4Page - Texas Instruments SM34020AGBS40 Datasheet HTML 5Page - Texas Instruments SM34020AGBS40 Datasheet HTML 6Page - Texas Instruments SM34020AGBS40 Datasheet HTML 7Page - Texas Instruments SM34020AGBS40 Datasheet HTML 8Page - Texas Instruments SM34020AGBS40 Datasheet HTML 9Page - Texas Instruments SM34020AGBS40 Datasheet HTML 10Page - Texas Instruments SM34020AGBS40 Datasheet HTML 11Page - Texas Instruments SM34020AGBS40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
SM34020A
GRAPHICS SYSTEM PROCESSOR
SGUS057 − FEBRUARY 2005
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
architecture (continued)
functional block diagram
Register
HA5 − HA31
HBS0 − HBS3
HCS
HREAD
HWRITE
HINT
HRDY
HDST
HOE
GI
R0
R1
EMU0
EMU1
EMU2
EMU3
CLKIN
LCLK1
LCLK2
RESET, LINT1,
LINT2
LAD0 − LAD31
RCA0 − RCA12
DDIN
DDOUT
RAS
CAS0 − CAS3
WE
TR /QE
ALTCH
SF
PGMD
SIZE16
LRDY
BUSFLT
CAMD
VSYNC
HSYNC
CSYNC / HBLNK
CBLNK / VBLNK
VCLK
SCLK
27
4
32
13
Host
Address
Latch
Host
Interface
Multi-
Processor
Interface
Emulation
Interface
System
Clocks
Buffer/
MUX
Bus
DRAM/
VRAM
Interface
Bus
Interface
Video
Timing
and
Control
Local
Memory
and
Bus
Timing
I/O
LRU
Regs
ALU
Barrel
Shifter
Microcontrol ROM
Reset and Interrupts
Control
Page-mode
Register
Cache
PC
ST
SP
Decode
4
Register
File A
Register
File B
register files
Boolean, arithmetic, pixel-processing, byte, and field-move instructions operate on data within the
general-purpose register files. The SM34020A contains two register files of fifteen 32-bit registers and a system
stack pointer (SP). The SP is addressed in both register file A and register file B as a sixteenth register. Transfers
between registers and memory are facilitated using a complete set of field move instructions with selectable
field sizes.
The 15 general-purpose registers in register file A are used for high-level language support and
assembly-language programming. The 15 registers in register file B are dedicated to special functions during
PIXBLTS and other pixel operations but can be used as general-purpose registers at other times.
stack pointer (SP)
The stack pointer is a dedicated 32-bit internal register that points to the top of the system stack.
program counter (PC)
The SM34020A 32-bit program counter register points to the next instruction-stream word to be fetched. Since
instruction words are aligned to 16-bit boundaries, the four LSBs of the PC are always zero.
Not Recommended for New Designs


Số phần tương tự - SM34020AGBS40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM34020AGBM32 TI-SM34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI1-SM34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI-SM34020AGBM40 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI1-SM34020AGBM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Mô tả tương tự - SM34020AGBS40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com