công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320VC5507PGESEP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320VC5507PGESEP
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC5507PGESEP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SM320VC5507PGESEP Datasheet HTML 7Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 8Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 9Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 10Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 11Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 12Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 13Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 14Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
72
37
73
36
108
109
144
1
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
memory on the 5507. The HPI can be configured in either multiplexed or non-multiplexed mode to provide
glueless interface to a wide variety of host processors. The DMA controller provides data movement for
six independent channel contexts without CPU intervention, providing DMA throughput of up to two 16-bit
words per cycle. Two general-purpose timers, up to eight dedicated general-purpose I/O (GPIO) pins, and
digital phase-locked loop (DPLL) clock generation are also included.
The 5507 is supported by the industry’s award-winning eXpressDSP™, Code Composer Studio™
Integrated Development Environment (IDE), DSP/BIOS™, Texas Instruments’ algorithm standard, and the
industry’s largest third-party network. The Code Composer Studio IDE features code generation tools
including a C Compiler and Visual Linker, simulator, RTDX™, XDS510™ emulation device drivers, and
evaluation modules. The 5507 is also supported by the C55x DSP Library which features more than 50
foundational software kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip and
board support libraries.
2.2
Pin Assignments
The SM320VC5507PGE 144-pin low-profile quad flatpack (LQFP) pin assignments are shown in
Figure 2-1 and is used in conjunction with Table 2-1 to locate signal names and pin numbers.
DVDD is the power supply for the I/O pins while CVDD is the power supply for the core. VSS is the ground
for both the I/O pins and the core. RCVDD and RDVDD are RTC module core and I/O supply, respectively.
USBVDD is the USB module I/O (DP, DN, and PU) supply. ADVDD is the power supply for the digital
portion of the ADC. AVDD is the power supply for the analog part of the ADC. ADVSS is the ground pin for
the digital portion of the ADC. AVSS is the ground pin for the analog part of the ADC. USBPLLVDD and
USBPLLVSS are the dedicated supply and ground pins for the USB PLL, respectively.
Figure 2-1. 144-Pin PGE Low-Profile Quad Flatpack (Top View)
Copyright © 2009, Texas Instruments Incorporated
Introduction
11
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP


Số phần tương tự - SM320VC5507PGESEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320VC5507PGESEP TI1-SM320VC5507PGESEP Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Mô tả tương tự - SM320VC5507PGESEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com