công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320VC5507-EP bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320VC5507-EP
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC5507-EP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SM320VC5507-EP Datasheet HTML 5Page - Texas Instruments SM320VC5507-EP Datasheet HTML 6Page - Texas Instruments SM320VC5507-EP Datasheet HTML 7Page - Texas Instruments SM320VC5507-EP Datasheet HTML 8Page - Texas Instruments SM320VC5507-EP Datasheet HTML 9Page - Texas Instruments SM320VC5507-EP Datasheet HTML 10Page - Texas Instruments SM320VC5507-EP Datasheet HTML 11Page - Texas Instruments SM320VC5507-EP Datasheet HTML 12Page - Texas Instruments SM320VC5507-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Fixed-Point Digital Signal Processor
Check for Samples: SM320VC5507-EP
1
Features
1
• High-Performance, Low-Power, Fixed-Point
• On-Chip Peripherals
SMS320C5507 Digital Signal Processor
– Two 20-Bit Timers
– 9.26-, 6.95-, 5-ns Instruction Cycle Time
– Watchdog Timer
– 108-, 144-, 200-MHz Clock Rate
– Six-Channel Direct Memory Access (DMA)
– One/Two Instruction(s) Executed per Cycle
Controller
– Dual Multipliers (Up to 400 Million
– Three Multichannel Buffered Serial Ports
Multiply-Accumulates per Second (MMACS))
(McBSPs)
– Two Arithmetic/Logic Units (ALUs)
– Programmable Phase-Locked Loop Clock
Generator
– Three Internal Data/Operand Read Buses
and Two Internal Data/Operand Write Buses
– Seven (LQFP) or Eight (BGA) General-
Purpose I/O (GPIO) Pins and a General-
• 64K x 16-Bit On-Chip RAM, Composed of:
Purpose Output Pin (XF)
– 64K Bytes of Dual-Access RAM (DARAM) 8
– USB Full-Speed (12 Mbps) Slave Port
Blocks of 4K x 16-Bit
Supporting Bulk, Interrupt and Isochronous
– 64K Bytes of Single-Access RAM (SARAM) 8
Transfers
Blocks of 4K x 16-Bit
– Inter-Integrated Circuit (I2C) Multi-Master and
• 64K Bytes of One-Wait-State On-Chip ROM
Slave Interface
(32K x 16-Bit)
– Real-Time Clock (RTC) With Crystal Input,
• 8M x 16-Bit Maximum Addressable External
Separate Clock Domain, Separate Power
Memory Space (Synchronous DRAM)
Supply
• 16-Bit External Parallel Bus Memory
– 4-Channel (BGA) or 2-Channel (LQFP) 10-Bit
Supporting Either:
Successive Approximation A/D
– External Memory Interface (EMIF) With GPIO
• IEEE Std 1149.1(1) (JTAG) Boundary Scan Logic
Capabilities and Glueless Interface to:
• Packages:
Asynchronous Static RAM (SRAM)
– 144-Terminal Low-Profile Quad Flatpack
Asynchronous EPROM
(LQFP) (PGE Suffix)
Synchronous DRAM (SDRAM)
• 1.2-V Core (108 MHz), 2.7-V – 3.6-V I/Os
– 16-Bit Parallel Enhanced Host-Port Interface
• 1.35-V Core (144 MHz), 2.7-V – 3.6-V I/Os
(EHPI) With GPIO Capabilities
• 1.6-V Core (200 MHz), 2.7-V – 3.6-V I/Os
• Programmable Low-Power Control of Six
Device Functional Domains
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and
• On-Chip Scan-Based Emulation Logic
Boundary Scan Architecture.
1.1
SUPPORTS DEFENSE, AEROSPACE, AND MEDICAL APPLICATIONS
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Military (–55°C/125°C) Temperature Range(2)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
(2)
Additional temperature ranges are available - contact factory
1
C55x, eXpressDSP, Code Composer Studio, DSP/BIOS, RTDX, XDS510, TMS320, TMS320C5000, TMS320C55x, TMS320C55x are
trademarks of Texas Instruments.
Copyright © 2009, Texas Instruments Incorporated
Features
9


Số phần tương tự - SM320VC5507-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320VC5507-EP TI1-SM320VC5507-EP Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Mô tả tương tự - SM320VC5507-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com