công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM32C6712DGDPA16EP bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM32C6712DGDPA16EP
Giải thích chi tiết về linh kiện  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6712DGDPA16EP bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SM32C6712DGDPA16EP Datasheet HTML 6Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 7Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 8Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 9Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 10Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 11Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 12Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 13Page - Texas Instruments SM32C6712DGDPA16EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6712/C6712C/C6712D devices. Internal memory is
always located at address 0 and can be used as both program and data memory. The C6712/C6712C/C6712D
configuration registers for the common peripherals are located at the same hex address ranges. The external
memory address ranges in the C6712/C6712C/C6712D devices begin at the address location 0x8000 0000.
Table 2. 320C6712/C6712C/C6712D Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
64K
0000 0000 – 0000 FFFF
Reserved
24M – 64K
0001 0000 – 017F FFFF
External Memory Interface (EMIF) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
Reserved
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
512
019C 0000 – 019C 01FF
Device Configuration Registers [C6712C/C6712D only]
4
019C 0200 – 019C 0203
Reserved
256K − 516
019C 0204 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
Reserved
768K
01A4 0000 – 01AF FFFF
GPIO Registers [C6712C/C6712D only]
16K
01B0 0000 – 01B0 3FFF
Reserved
480K
01B0 4000 – 01B7 BFFF
PLL Controller Registers [C6712C/C6712D only]
8K
01B7 C000 – 01B7 DFFF
Reserved
4M + 520K
01B7 E000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
736M – 52
0200 0034 – 2FFF FFFF
McBSP 0 Data/Peripheral Data Bus
64M
3000 0000 – 33FF FFFF
McBSP 1 Data/Peripheral Data Bus
64M
3400 0000 – 37FF FFFF
Reserved
64M
3800 0000 – 3BFF FFFF
Reserved
1G + 64M
3C00 0000 – 7FFF FFFF
EMIF CE0†
256M
8000 0000 – 8FFF FFFF
EMIF CE1†
256M
9000 0000 – 9FFF FFFF
EMIF CE2†
256M
A000 0000 – AFFF FFFF
EMIF CE3†
256M
B000 0000 – BFFF FFFF
Reserved
1G
C000 0000 – FFFF FFFF
† The number of EMIF address pins (EA[21:2]) limits the maximum addressable memory (SDRAM) to 128MB per CE space. To get 256MB of
addressable memory, additional general-purpose output pin or external logic is required.


Số phần tương tự - SM32C6712DGDPA16EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM32C6711DGDPA16EP TI1-SM32C6711DGDPA16EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM32C6711DGDPI20EP TI1-SM32C6711DGDPI20EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM32C6713BGDPA20EP TI-SM32C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPA20EP TI1-SM32C6713BGDPA20EP Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPM30EP TI-SM32C6713BGDPM30EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com