công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1754ST-1802E-MB bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP1754ST-1802E-MB
Giải thích chi tiết về linh kiện  150 mA, 16V, High Performance LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754ST-1802E-MB bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP1754ST-1802E-MB Datasheet HTML 5Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 6Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 7Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 8Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 9Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 10Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 11Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 12Page - Microchip Technology MCP1754ST-1802E-MB Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22276A-page 9
MCP1754/MCP1754S
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25 °C,
VIN = VR + 1V or VIN = 3.6V (whichever is greater), SHDN = VIN, package = SOT223.
Note:
Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in Junction temperature over the ambient
temperature is not significant.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage.
FIGURE 2-2:
Quiescent Current vs. Input
Voltage.
FIGURE 2-3:
Quiescent Current vs. Input
Voltage.
FIGURE 2-4:
Ground Current vs. Load
Current.
FIGURE 2-5:
Quiescent Current vs.
Junction Temperature.
FIGURE 2-6:
Quiescent Current vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
40
50
60
70
80
3456789
10 11 12 13 14 15 16
Input Voltage (V)
V
OUT = 1.8V
I
OUT = 0 µA
+25
°C
+130
°C
-45
°C
0
°C
+90
°C
40
45
50
55
60
65
70
3579
11
13
15
Input Voltage (V)
V
OUT = 3.3V
I
OUT = 0 µA
+25
°C
+130
°C
-45
°C
0
°C
+90
°C
0
10
20
30
40
50
60
70
80
1.0
3.0
5.0
7.0
9.0
11.0 13.0 15.0 17.0
Input Voltage (V)
V
OUT = 5.0V
I
OUT = 0 µA
+25
°C
+130
°C
-45
°C
0
°C
+90
°C
40
60
80
100
120
140
160
180
0
20
40
60
80
100
120
140
160
Load Current (mA)
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.8V
0
10
20
30
40
50
60
70
80
-45
-20
5
30
55
80
105
130
Junction Temperature (°C)
V
OUT = 5.0V
V
OUT = 1.8V
V
OUT = 3.3V
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
V
OUT = 5.0V
+25
°C


Số phần tương tự - MCP1754ST-1802E-MB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-1802ECB MICROCHIP-MCP1754ST-1802ECB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-1802ECB MICROCHIP-MCP1754ST-1802ECB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-1802EDB MICROCHIP-MCP1754ST-1802EDB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
More results

Mô tả tương tự - MCP1754ST-1802E-MB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com