công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL032IDRG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
TL032IDRG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 72 page TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL031C and TL031AC electrical characteristics at specified free-air temperature TL031C, TL031AC PARAMETER TEST CONDITIONS TA VCC± = ±5 V VCC± = ±15 V UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX MIN TYP MAX UNIT TL031C 25 °C 0.54 3.5 0.5 1.5 V Input offset voltage VO = 0, V 0 TL031C Full range† 4.5 2.5 mV VIO Input offset voltage VIC = 0, RS = 50 Ω TL031AC 25 °C 0.41 2.8 0.34 0.8 mV RS = 50 Ω TL031AC Full range† 3.8 1.8 TL031C 25 °C to 71 59 a Temperature coefficient of VO = 0, V 0 TL031C 25 C to 70 °C 7.1 5.9 V/ °C a V IO Temperature coefficient of input offset voltage VIC =0, RS = 50 Ω TL031AC 25 °C to 71 59 25 μV/°C input offset voltage RS = 50 Ω TL031AC 25 C to 70 °C 7.1 5.9 25 Input offset voltage long-term drift‡ VO = 0, VIC =0, RS = 50 Ω 25 °C 0.04 0.04 μV/mo I Input offset current VO = 0, VIC = 0 25 °C 1 100 1 100 pA IIO Input offset current VO = 0, VIC = 0 See Figure 5 70 °C 9 200 12 200 pA I Input bias current VO = 0, VIC = 0 25 °C 2 200 2 200 pA IIB Input bias current VO = 0, VIC = 0 See Figure 5 70 °C 50 400 80 400 pA V Common-mode input 25 °C −1.5 to 4 −3.4 to 5.4 −11.5 to 14 −13.4 to 15.4 V VICR Common mode input voltage range Full range† −1.5 to 4 −11.5 to 14 V M i iti k 25 °C 3 4.3 13 14 VOM+ Maximum positive peak output voltage swing RL = 10 kΩ 0 °C 3 4.2 13 14 V VOM+ output voltage swing RL 10 k Ω 70 °C 3 4.3 13 14 V Mi ti k 25 °C −3 −4.2 −12.5 −13.9 VOM− Maximum negative peak output voltage swing RL = 10 kΩ 0 °C −3 −4.1 −12.5 −13.9 V VOM− output voltage swing RL 10 k Ω 70 °C −3 −4.2 −12.5 −14 V 25 °C 4 12 5 14.3 AVD Large-signal differential voltage amplification§ RL = 10 kΩ 0 °C 3 11.1 4 13.5 V/mV AVD voltage amplification§ RL 10 k Ω 70 °C 4 13.3 5 15.2 V/mV ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 5 4 pF Cd V V i 25 °C 70 87 75 94 CMRR Common-mode rejection ratio VIC = VICRmin, VO =0 RS =50 Ω 0 °C 70 87 75 94 dB CMRR rejection ratio VO = 0, RS = 50 Ω 70 °C 70 87 75 94 dB Supply-voltage 25 °C 75 96 75 96 kSVR Supply-voltage rejection ratio VO = 0, RS = 50 Ω 0 °C 75 96 75 96 dB SVR rejection ratio ( ΔVCC±/ΔVIO) O , S 70 °C 75 96 75 96 † Full range is 0 °C to 70°C. ‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. § At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V |
Số phần tương tự - TL032IDRG4 |
|
Mô tả tương tự - TL032IDRG4 |