công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL2575-05IKTTR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
TL2575-05IKTTR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 29 page www.ti.com TL2575, TL2575HV 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS SLVS638B – MAY 2006 – REVISED JANUARY 2007 ORDERING INFORMATION(1) TL2575 (VIN(MAX) = 40 V) VO TJ PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING (NOM) PDIP – N Tube of 25 TL2575-33IN TL2575-33IN 3.3 V TO-263 – KTT Reel of 500 TL2575-33IKTTR TL2575-33I TO-220 – KV Tube of 50 TL2575-33IKV TL2575-33I PDIP – N Tube of 25 TL2575-05IN TL2575-05IN 5 V TO-263 – KTT Reel of 500 TL2575-05IKTTR TL2575-05I TO-220 – KV Tube of 50 TL2575-05IKV TL2575-05I PDIP – N Tube of 25 TL2575-12IN TL2575-12IN –40 °C to 125°C 12 V TO-263 – KTT Reel of 500 TL2575-12IKTTR TL2575-12I TO-220 – KV Tube of 50 TL2575-12IKV TL2575-12I PDIP – N Tube of 25 TL2575-15IN TL2575-15IN 15 V TO-263 – KTT Reel of 500 TL2575-15IKTTR TL2575-15I TO-220 – KV Tube of 50 TL2575-15IKV TL2575-15I PDIP – N Tube of 25 TL2575-ADJIN TL2575-ADJIN ADJ TO-263 – KTT Reel of 500 TL2575-ADJIKTTR TL2575ADJI TO-220 – KV Tube of 50 TL2575-ADJIKV TL2575ADJI (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ORDERING INFORMATION(1) TL2575HV (VIN(MAX) = 60 V) VO TJ PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING (NOM) PDIP – N Tube of 25 TL2575HV-33IN TL2575HV-33IN 3.3 V TO-263 – KTT Reel of 500 TL2575HV-33IKTTR 2BHV-33I TO-220 – KV Tube of 50 TL2575HV-33IKV TL2575HV-33I PDIP – N Tube of 25 TL2575HV-05IN TL2575HV-05IN 5 V TO-263 – KTT Reel of 500 TL2575HV-05IKTTR 2BHV-05I TO-220 – KV Tube of 50 TL2575HV-05IKV TL2575HV-05I PDIP – N Tube of 25 TL2575HV-12IN TL2575HV-12IN –40 °C to 125°C 12 V TO-263 – KTT Reel of 500 TL2575HV-12IKTTR 2BHV-12I TO-220 – KV Tube of 50 TL2575HV-12IKV TL2575HV-12I PDIP – N Tube of 25 TL2575HV-15IN TL2575HV-15IN 15 V TO-263 – KTT Reel of 500 TL2575HV-15IKTTR 2BHV-15I TO-220 – KV Tube of 50 TL2575HV-15IKV TL2575HV-15I PDIP – N Tube of 25 TL2575HV-ADJIN TL2575HV-ADJIN ADJ TO-263 – KTT Reel of 500 TL2575HV-ADJIKTTR 2BHV-ADJI TO-220 – KV Tube of 50 TL2575HV-ADJIKV TL2575HVADJI (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 2 Submit Documentation Feedback |
Số phần tương tự - TL2575-05IKTTR |
|
Mô tả tương tự - TL2575-05IKTTR |