công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1591 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TL1591
Giải thích chi tiết về linh kiện  SAMPLE-AND-HOLD CIRCUIT FOR CCD IMAGERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1591 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TL1591 Datasheet HTML 3Page - Texas Instruments TL1591 Datasheet HTML 4Page - Texas Instruments TL1591 Datasheet HTML 5Page - Texas Instruments TL1591 Datasheet HTML 6Page - Texas Instruments TL1591 Datasheet HTML 7Page - Texas Instruments TL1591 Datasheet HTML 8Page - Texas Instruments TL1591 Datasheet HTML 9Page - Texas Instruments TL1591 Datasheet HTML 10Page - Texas Instruments TL1591 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TL1591CP
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
TL1591CPSLE
OBSOLETE
SO
PS
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2005
Addendum-Page 1


Số phần tương tự - TL1591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1591CPS TI-TL1591CPS Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
More results

Mô tả tương tự - TL1591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
UPC649C ETC2-UPC649C Datasheet
7Kb / 1P
   SAMPLE AND HOLD CIRCUIT
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Texas Instruments
TL1593 TI1-TL1593 Datasheet
67Kb / 5P
[Old version datasheet]   3-CHANNEL SAMPLE-AND-HOLD CIRCUIT
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Texas Instruments
TL1593C TI-TL1593C Datasheet
61Kb / 5P
[Old version datasheet]   3-CHANNEL SAMPLE-AND-HOLD CIRCUIT
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com