công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16PNP200A bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TL16PNP200A
Giải thích chi tiết về linh kiện  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP200A bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TL16PNP200A Datasheet HTML 2Page - Texas Instruments TL16PNP200A Datasheet HTML 3Page - Texas Instruments TL16PNP200A Datasheet HTML 4Page - Texas Instruments TL16PNP200A Datasheet HTML 5Page - Texas Instruments TL16PNP200A Datasheet HTML 6Page - Texas Instruments TL16PNP200A Datasheet HTML 7Page - Texas Instruments TL16PNP200A Datasheet HTML 8Page - Texas Instruments TL16PNP200A Datasheet HTML 9Page - Texas Instruments TL16PNP200A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
TL16PNP200A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS274A– APRIL1997 – REVISED MAY 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
system timing requirements and switching characteristics over recommended ranges of supply
voltage and operating free-air temperature
PARAMETER
ALT SYMBOL
FIGURE
TEST
CONDITIONS
MIN
MAX
UNIT
tw1
Pulse duration, write strobe (IOW)
tWR
6
2
clock
periods
tw2
Pulse duration, read strobe (IOR)
tRD
5
3
clock
periods
tw3
Pulse duration, reset
tRST
1
µs
tsu1
Setup time, data (D7-D0) valid before IOW
tDS
6
10
ns
tsu2
Setup time, address (A23-A0) valid before IOW
tAS
6
10
ns
tsu3
Setup time, address (A23-A0) valid before BALE
tBALE
6
10
ns
th1
Hold time, data (D7-D0) valid after IOW
tDH
6
5
ns
th2
Hold time, address (A15-A0) valid after IOW
tAH
6
5
ns
td4
Delay time, address (A15-A0) valid to IOCSn
tIOCSf
5
18
ns
td5
Delay time, address (A15-A0) invalid to IOCSn
tIOCSr
5
14
ns
td6
Delay time, address (A23-A0) valid to MCSn
tMCSf
6
18
ns
td7
Delay time, address (A23-A0) invalid to MCSn
tMCSr
6
14
ns
td8
Delay time, IOR
↓ to OENn↓
tOENf
5
15
ns
td9
Delay time, IOR
↑ to OENn↑
tOENr
5
10
ns
td10
Delay time, IOR
↓ to data (D7-D0) valid
tVD
5
After 2-1/2
clock periods
25
ns
td11
Delay time, IOR
↑ to data (D7-D0) floating
tHZD
5
20
ns
td12
Delay time, INTRn
↑ to IRQm↑
tIRQr
7
12
ns
td13
Delay time, INTRn
↓ to IRQm↓
tIRQf
7
14
ns
td14
Delay time, DMA_RQn
↑ to CDRQm↑
tDRQr
8
9
ns
td15
Delay time, DMA_RQn
↓ to CDRQm↓
tDRQf
8
10
ns
td16
Delay time, CDACKm
↓ to DMA_ACKn↓
tDACKf
8
16
ns
td17
Delay time, CDACKm
↑ to DMA_ACKn↑
tDACKr
8
12
ns


Số phần tương tự - TL16PNP200A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200PH TI1-TL16PNP200PH Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

Mô tả tương tự - TL16PNP200A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com