công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16PNP200 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TL16PNP200
Giải thích chi tiết về linh kiện  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP200 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TL16PNP200 Datasheet HTML 6Page - Texas Instruments TL16PNP200 Datasheet HTML 7Page - Texas Instruments TL16PNP200 Datasheet HTML 8Page - Texas Instruments TL16PNP200 Datasheet HTML 9Page - Texas Instruments TL16PNP200 Datasheet HTML 10Page - Texas Instruments TL16PNP200 Datasheet HTML 11Page - Texas Instruments TL16PNP200 Datasheet HTML 12Page - Texas Instruments TL16PNP200 Datasheet HTML 13Page - Texas Instruments TL16PNP200 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TL16PNP200
STANDALONE PLUGANDPLAY (PnP) CONTROLLER
SLLS229A − NOVEMBER 1995 − REVISED APRIL 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = − 4 mA (see Note 10)
VCC −0.8
V
VOH
High-level output voltage
IOH = − 12 mA (see Note 11)
VCC −0.8
V
VOL
Low-level output voltage
IOL = 4 mA (see Note 10)
0.5
V
VOL
Low-level output voltage
IOL = 12 mA (see Note 11)
0.5
V
Il
Input current
VCC = 5.25 V,
VSS = 0,
±1
A
Il
Input current
VCC = 5.25 V,
VI = 0 to 5.25 V,
VSS = 0,
All other pins floating
±1
µA
High-impedance-state output
VCC = 5.25 V,
VSS = 0,
IOZ
High-impedance-state output
current
VCC = 5.25 V,
VSS = 0,
VO = 0 to 5.25 V,
±10
µA
IOZ
current
VO = 0 to 5.25 V,
Pullup transistors and pulldown transistors are off
±10
µA
ICC
Supply current
VCC = 5.25 V,
All inputs toggle
TA = 25°C,
25
mA
ICC
Supply current
CC
All inputs toggle
No load on outputs
TA = 25 C,
f = 22 MHz,
25
mA
Ci(CLK)
Clock input capacitance
5
pF
fCLK
Clock frequency
10
22
MHz
† All typical values are at VCC = 5 V and TA = 25°C.
NOTES: 10. These parameters apply for all outputs except D7 − D0, IRQ and CDRQ outputs.
11. These parameters only apply for D7 − D0, IRQ , and CDRQ outputs.
serial EEPROM clock timing requirements over recommended ranges of supply voltage and
operating free-air temperature
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tw(SCLKH)
Pulse duration, SCLK high to low (see Note 12)
tCHCL
250
ns
tw(SCLKL)
Pulse duration, SCLK low to high (see Note 12)
tCLCH
See Figure 9
250
ns
fCLK
SCLK clock frequency (see Note 13)
See Figure 9
0.3
0.68
MHz
td1
Delay time, CS high to SCLK high
tSHCH
See Figure 9
50
ns
td2
Delay time, SIO input valid to SCLK high
tDVCH
100
ns
tpd1
Propagation delay time, SCLK high to input level
transition
tCHDX
See Figures 9 and 10
100
ns
tpd2
Propagation delay time, SCLK high to output valid
tCHQV
500
ns
tpd3
Propagation delay time, SCLK low to CS transition
tCLSL
See Figure 10
2
clock
period
td3
Delay time, CS low to output Hi-Z
tSLQZ
100
ns
NOTES: 12. The ST93C56 chip select, S, must be brought low for a minimum of 250 ns (tSLSH) between consecutive instruction cycles per the
ST93C56 specification.
13. The SCLK signal is attained by dividing the internal CLK signal frequency by 32.


Số phần tương tự - TL16PNP200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200APH TI1-TL16PNP200APH Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

Mô tả tương tự - TL16PNP200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com