công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74V273-EP bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN74V273-EP
Giải thích chi tiết về linh kiện  3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V273-EP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74V273-EP Datasheet HTML 1Page - Texas Instruments SN74V273-EP Datasheet HTML 2Page - Texas Instruments SN74V273-EP Datasheet HTML 3Page - Texas Instruments SN74V273-EP Datasheet HTML 4Page - Texas Instruments SN74V273-EP Datasheet HTML 5Page - Texas Instruments SN74V273-EP Datasheet HTML 6Page - Texas Instruments SN74V273-EP Datasheet HTML 7Page - Texas Instruments SN74V273-EP Datasheet HTML 8Page - Texas Instruments SN74V273-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
SN74V263-EP, SN74V273-EP, SN74V283-EP, SN74V293-EP
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS695A – JUNE 2003 – REVISED JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
These FIFOs have five flag pins: empty flag or output ready (EF/OR), full flag or input ready (FF/IR), half-full
flag (HF), programmable almost-empty flag (PAE), and programmable almost-full flag (PAF). The IR and OR
functions are selected in FWFT mode. The EF and FF functions are selected in standard mode. HF, PAE, and
PAF always are available for use, regardless of timing mode.
PAE and PAF can be programmed independently to switch at any point in memory. Programmable offsets
determine the flag-switching threshold and can be loaded by parallel or serial methods. Eight default offset
settings also are provided, so that PAE can be set to switch at a predefined number of locations from the empty
boundary. The PAF threshold also can be set at similar predefined values from the full boundary. The default
offset values are set during master reset by the state of FSEL0, FSEL1, and LD.
For serial programming, SEN, together with LD, loads the offset registers via the serial input (SI) on each rising
edge of WCLK. For parallel programming, WEN, together with LD, loads the offset registers via Dn on each
rising edge of WCLK. REN, together with LD, can read the offsets in parallel from Qn on each rising edge of
RCLK, regardless of whether serial or parallel offset loading has been selected.
Also, the timing modes of PAE and PAF outputs can be selected. Timing modes can be set to be either
asynchronous or synchronous for PAE and PAF.
If the asynchronous PAE/PAF configuration is selected, PAE is asserted low on the low-to-high transition of
RCLK. PAE is reset to high on the low-to-high transition of WCLK. Similarly, PAF is asserted low on the
low-to-high transition of WCLK, and PAF is reset to high on the low-to-high transition of RCLK.
If the synchronous PAE/PAF configuration is selected , PAE is asserted and updated on the rising edge of RCLK
only and not WCLK. Similarly, PAF is asserted and updated on the rising edge of WCLK only and not RCLK.
The desired mode is configured during master reset by the state of the programmable-flag mode (PFM) pin.
The retransmit function allows data to be reread from the FIFO more than once. A low on the RT input during
a rising RCLK edge initiates a retransmit operation by setting the read pointer to the first location of the memory
array. Zero-latency retransmit timing mode can be selected using the retransmit timing mode (RM). During
master reset, a low on RM selects zero-latency retransmit. A high on RM during master reset selects normal
latency.
If zero-latency retransmit operation is selected, the first data word to be retransmitted is placed on the output
register with respect to the same RCLK edge that initiated the retransmit, if RT is low.
During master reset (MRS), the functions for all the operating modes are programmed. These include FWFT
or standard timing, input bus width, output bus width, big endian or little endian, retransmit mode,
programmable-flag operating and programming method, programmable-flag default offsets, and interspersed
parity select. The read and write pointers are set to the first location of the FIFO. Then, based on the selected
timing mode, EF is set low or OR is set high and FF is set high or IR is set low. Also, PAE is set low, PAF is set
high, and HF is set high. The Q outputs are set low.
Partial reset (PRS) also sets the read and write pointers to the first location of the memory. However, the timing
mode, programmable-flag programming method, default or programmed offset settings, input and output bus
widths, big endian/little endian, interspersed parity select, and retransmit mode (existing before partial reset is
asserted) remain unchanged. The flags are updated according to the timing mode and offsets in effect. PRS
is useful for resetting a device in mid-operation when reprogramming programmable flags and other functions
would be undesirable.


Số phần tương tự - SN74V273-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V273-EP TI1-SN74V273-EP Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

Mô tả tương tự - SN74V273-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com