công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74SSTV32867-EP bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN74SSTV32867-EP
Giải thích chi tiết về linh kiện  26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV32867-EP bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74SSTV32867-EP Datasheet HTML 2Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 3Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 4Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 5Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 6Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 7Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 8Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 9Page - Texas Instruments SN74SSTV32867-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
LOADCIRCUIT
C =30pF
(seeNote A)
L
Test
Point
FromOutput
UnderTest
t
w
VOLTAGEWAVEFORMS
PULSEDURATION
t
h
t
su
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
Timing
Input
V
ICR
V
REF
Input
V
IL
V
IH
V
REF
V
I(PP)
t
PHL
V
OH
V
OL
Output
V
/2
CC
V
/2
CC
t
PLH
t
PHL
V
IH
V
IL
V
OL
V
OH
LVCMOS
Input
Output
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
V
/2
CC
V
/2
CC
V
I(PP)
V
ICR
Timing
Input
V
ICR
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
V
REF
Input
V
REF
V
IH
V
IL
V
/2
CC
VOLTAGE ANDCURRENTWAVEFORMS
INPUTS ACTIVE ANDINACTIVETIMES
0V
V
CC
V
/2
CC
LVCMOS
Input
RESET
t
act
t
inact
10%
90%
I
CCH
I
CCL
I
CC
(seeNoteB)
SN74SSTV32867-EP
26-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
SCES664 – SEPTEMBER 2006
A.
CL includes probe and jig capacitance.
B.
ICC tested with clock and data inputs held at VCC or GND, and IO = 0 mA.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Z
O = 50 Ω, input
slew rate = 1 V/ns
±20% (unless otherwise noted).
D.
The outputs are measured one at a time, with one transition per measurement.
E.
VREF = VDDQ/2
F.
VIH = VREF + 310 mV (ac voltage levels) for differential inputs. VIH = VCC for LVCMOS input.
G.
VIL = VREF – 310 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
H.
tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Số phần tương tự - SN74SSTV32867-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852GKFR TI-SN74SSTV32852GKFR Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
More results

Mô tả tương tự - SN74SSTV32867-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com