công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4041AIM3X-1.2 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM4041AIM3X-1.2
Giải thích chi tiết về linh kiện  LM4041 Precision Micropower Shunt Voltage Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041AIM3X-1.2 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM4041AIM3X-1.2 Datasheet HTML 1Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 2Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 3Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 4Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 5Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 6Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 7Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 8Page - Texas Instruments LM4041AIM3X-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM4041
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4041 precision
voltage reference is available in the sub-miniature SC70 and
SOT-23 surface-mount packages. The LM4041’s advanced
design eliminates the need for an external stabilizing capaci-
tor while ensuring stability with any capacitive load, thus
making the LM4041 easy to use. Further reducing design
effort is the availability of a fixed (1.225V) and adjustable
reverse breakdown voltage. The minimum operating current
is 60 µA for the LM4041-1.2 and the LM4041-ADJ. Both
versions have a maximum operating current of 12 mA.
The LM4041 utilizes fuse and zener-zap reverse breakdown
or reference voltage trim during wafer sort to ensure that the
prime parts have an accuracy of better than ±0.1%
(A grade) at 25˚C. Bandgap reference temperature drift cur-
vature correction and low dynamic impedance ensure stable
reverse breakdown voltage accuracy over a wide range of
operating temperatures and currents.
Features
n
Small packages: SOT-23, TO-92, and SC70
n
No output capacitor required
n
Tolerates capacitive loads
n
Reverse breakdown voltage options of 1.225V and
adjustable
Key Specifications (LM4041-1.2)
j Output voltage tolerance
(A grade, 25˚C)
±0.1%(max)
j Low output noise
(10 Hz to 10kHz)
20µV
rms
j Wide operating current range
60µA to 12mA
j Industrial temperature range
−40˚C to +85˚C
j Extended temperature range
−40˚C to +125˚C
j Low temperature coefficient
100 ppm/˚C (max)
Applications
n
Portable, Battery-Powered Equipment
n
Data Acquisition Systems
n
Instrumentation
n
Process Control
n
Energy Management
n
Automotive
n
Precision Audio Components
Connection Diagrams
SOT-23
01139201
*This pin must be left floating or connected to pin 2.
01139240
Top View
See NS Package Number MF03A
(JEDEC Registration TO-236AB)
SC-70
01139246
*This pin must be left floating or connected to pin 1.
01139247
Top View
See NS Package Number MAA05A
March 2005
© 2005 National Semiconductor Corporation
DS011392
www.national.com


Số phần tương tự - LM4041AIM3X-1.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4041AIM3X-1.2 NSC-LM4041AIM3X-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041AIM3X-1.2/NOPB TI1-LM4041AIM3X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIM3X-1.2/NOPB TI1-LM4041AIM3X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIM3X-1.2/NOPB TI1-LM4041AIM3X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIM3X-1.2NOPB TI1-LM4041AIM3X-1.2NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Mô tả tương tự - LM4041AIM3X-1.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com