công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393M bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
LM393M bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 17 page Absolute Maximum Ratings (Note 10) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage, V + 36V Differential Input Voltage (Note 8) 36V Input Voltage −0.3V to +36V Input Current (V IN<−0.3V) (Note 3) 50 mA Power Dissipation (Note 1) Molded DIP 780 mW Metal Can 660 mW Small Outline Package 510 mW micro SMD Pacakge 568mW Output Short-Circuit to Ground (Note 2) Continuous Operating Temperature Range LM393 0˚C to +70˚C LM293 −25˚C to +85˚C LM193/LM193A −55˚C to +125˚C LM2903 −40˚C to +85˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering, 10 seconds) +260˚C Soldering Information Dual-In-Line Package Soldering (10 seconds) 260˚C Small Outline Package 215˚C Vapor Phase (60 seconds) Infrared (15 seconds) 220˚C See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. ESD rating (1.5 k Ω in series with 100 pF) 1300V Electrical Characteristics (V +=5V, T A = 25˚C, unless otherwise stated) Parameter Conditions LM193A Units Min Typ Max Input Offset Voltage (Note 9) 1.0 2.0 mV Input Bias Current I IN(+) or IIN(−) with Output In Linear 25 100 nA Range, V CM = 0V (Note 5) Input Offset Current I IN(+)−IIN(−) VCM = 0V 3.0 25 nA Input Common Mode V+ = 30V (Note 6) 0 V +−1.5 V Voltage Range Supply Current R L= ∞ V +=5V 0.4 1 mA V +=36V 1 2.5 mA Voltage Gain R L ≥15 kΩ,V+=15V 50 200 V/mV V O = 1Vto11V Large Signal Response V IN=TTL Logic Swing, VREF=1.4V 300 ns Time V RL=5V, RL=5.1 k Ω Response Time V RL=5V, RL=5.1 k Ω (Note 7) 1.3 µs Output Sink Current V IN(−)=1V, VIN(+)=0, VO ≈1.5V 6.0 16 mA Saturation Voltage V IN(−)=1V, VIN(+)=0, ISINK ≤4 mA 250 400 mV Output Leakage Current V IN(−)=0, VIN(+)=1V, VO=5V 0.1 nA Electrical Characteristics (V +=5V, T A = 25˚C, unless otherwise stated) Parameter Conditions LM193 LM293, LM393 LM2903 Units Min Typ Max Min Typ Max Min Typ Max Input Offset Voltage (Note 9) 1.0 5.0 1.0 5.0 2.0 7.0 mV Input Bias Current I IN(+) or IIN(−) with Output In 25 100 25 250 25 250 nA Linear Range, V CM = 0V (Note 5) Input Offset Current I IN(+)−IIN(−) VCM = 0V 3.0 25 5.0 50 5.0 50 nA Input Common Mode V+ = 30V (Note 6) 0 V+−1.5 0 V+−1.5 0 V+−1.5 V Voltage Range www.national.com 3 |
Số phần tương tự - LM393M |
|
Mô tả tương tự - LM393M |