công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM218-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM218-Q1
Giải thích chi tiết về linh kiện  FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM218-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM218-Q1 Datasheet HTML 1Page - Texas Instruments LM218-Q1 Datasheet HTML 2Page - Texas Instruments LM218-Q1 Datasheet HTML 3Page - Texas Instruments LM218-Q1 Datasheet HTML 4Page - Texas Instruments LM218-Q1 Datasheet HTML 5Page - Texas Instruments LM218-Q1 Datasheet HTML 6Page - Texas Instruments LM218-Q1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM218Q1
FAST GENERALPURPOSE OPERATIONAL AMPLIFIER
SLOS450A − NOVEMBER 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Small-Signal Bandwidth . . . 15 MHz Typ
D Slew Rate . . . 20 V/µs Min
D Bias Current . . . 250 nA Max
D Supply-Voltage Range . . . ±5 V to ±20 V
D Internal Frequency Compensation
D Input and Output Overload Protection
D Same Pin Assignments as
General-Purpose Operational Amplifiers
description/ordering information
The LM218 is a precision, fast operational amplifier designed for applications requiring wide bandwidth and high
slew rate. It features a factor-of-ten increase in speed over general-purpose devices without sacrificing dc
performance.
This operational amplifier has internal unity-gain frequency compensation. This considerably simplifies its
application because no external components are necessary for operation. However, unlike most internally
compensated amplifiers, external frequency compensation may be added for optimum performance. For
inverting applications, feed-forward compensation boosts the slew rate to over 150 V/
µs and almost double the
bandwidth. Overcompensation can be used with the amplifier for greater stability when maximum bandwidth
is not needed. Further, a single capacitor can be added to reduce the settling time for 0.1% error band to under
1
µs.
The high speed and fast settling time of this operational amplifier makes it useful in A/D converters, oscillators,
active filters, sample-and-hold circuits, and general-purpose amplifiers.
ORDERING INFORMATION{
TA
VIOmax
PACKAGE‡
ORDERABLE
TOP-SIDE
TA
VIOmax
AT 25
°C
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
10 mV
SOIC (D)
Reel of 2500
LM218IDRQ1
LM218I
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
symbol
+
BAL/COMP1
COMP2
BAL/COMP3
IN+
IN−
OUT
1
8
5
3
2
6
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BAL /COMP1
IN−
IN+
VCC−
COMP2
VCC+
OUT
BAL /COMP3
D PACKAGE
(TOP VIEW)


Số phần tương tự - LM218-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
189Kb / 8P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
LM218-Q1 TI1-LM218-Q1_14 Datasheet
189Kb / 8P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Mô tả tương tự - LM218-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1_14 Datasheet
189Kb / 8P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
Texas Instruments
LM118 TI1-LM118_16 Datasheet
753Kb / 16P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LM118 TI-LM118_07 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com