công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AHLQMLV bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
LM158AHLQMLV bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 27 page Typical Performance Characteristics (Continued) Input Current (LM2902 only) Voltage Gain (LM2902 only) 00778746 00778747 Application Hints The LM158 series are op amps which operate with only a single power supply voltage, have true-differential inputs, and remain in the linear mode with an input common-mode voltage of 0 V DC. These amplifiers operate over a wide range of power supply voltage with little change in performance characteristics. At 25˚C amplifier operation is possible down to a minimum supply voltage of 2.3 V DC. Precautions should be taken to insure that the power supply for the integrated circuit never becomes reversed in polarity or that the unit is not inadvertently installed backwards in a test socket as an unlimited current surge through the result- ing forward diode within the IC could cause fusing of the internal conductors and result in a destroyed unit. Large differential input voltages can be easily accomodated and, as input differential voltage protection diodes are not needed, no large input currents result from large differential input voltages. The differential input voltage may be larger than V + without damaging the device. Protection should be provided to prevent the input voltages from going negative more than −0.3 V DC (at 25˚C). An input clamp diode with a resistor to the IC input terminal can be used. To reduce the power supply current drain, the amplifiers have a class A output stage for small signal levels which converts to class B in a large signal mode. This allows the amplifiers to both source and sink large output currents. Therefore both NPN and PNP external current boost transis- tors can be used to extend the power capability of the basic amplifiers. The output voltage needs to raise approximately 1 diode drop above ground to bias the on-chip vertical PNP transistor for output current sinking applications. For ac applications, where the load is capacitively coupled to the output of the amplifier, a resistor should be used, from the output of the amplifier to ground to increase the class A bias current and prevent crossover distortion. Where the load is directly coupled, as in dc applications, there is no crossover distortion. Capacitive loads which are applied directly to the output of the amplifier reduce the loop stability margin. Values of 50 pF can be accomodated using the worst-case non-inverting unity gain connection. Large closed loop gains or resistive isolation should be used if larger load capacitance must be driven by the amplifier. The bias network of the LM158 establishes a drain current which is independent of the magnitude of the power supply voltage over the range of 3 V DC to 30 VDC. Output short circuits either to ground or to the positive power supply should be of short time duration. Units can be de- stroyed, not as a result of the short circuit current causing metal fusing, but rather due to the large increase in IC chip dissipation which will cause eventual failure due to exces- sive function temperatures. Putting direct short-circuits on more than one amplifier at a time will increase the total IC power dissipation to destructive levels, if not properly pro- tected with external dissipation limiting resistors in series with the output leads of the amplifiers. The larger value of output source current which is available at 25˚C provides a larger output current capability at elevated temperatures (see typical performance characteristics) than a standard IC op amp. The circuits presented in the section on typical applications emphasize operation on only a single power supply voltage. If complementary power supplies are available, all of the standard op amp circuits can be used. In general, introduc- ing a pseudo-ground (a bias voltage reference of V +/2) will allow operation above and below this value in single power supply systems. Many application circuits are shown which take advantage of the wide input common-mode voltage range which includes ground. In most cases, input biasing is not required and input voltages which range to ground can easily be accommodated. www.national.com 8 |
Số phần tương tự - LM158AHLQMLV |
|
Mô tả tương tự - LM158AHLQMLV |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |