công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SB00-D bảng dữ liệu(PDF) 2 Page - Cooper Bussmann, Inc.

tên linh kiện SB00-D
Giải thích chi tiết về linh kiện  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SB00-D bảng dữ liệu(HTML) 2 Page - Cooper Bussmann, Inc.

  SB00-D Datasheet HTML 1Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 2Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 3Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 4Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 5Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 6Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 7Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 8Page - Cooper Bussmann, Inc. SB00-D Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Low Voltage Fuse Links Catalogue
Table of Contents
Domestic Applications to BS1361 & BS1312
Consumer Unit Fuse Link
4
Plug Top Fuse Links
4
Industrial & Motor Applications to BS88
Offset Bolted Tags
5 - 7
Centre Bolted Tags
8 - 9
Offset Blade Tags
10
Merchandising Stand
11
Industrial Applications to BS88 - 500Vdc
Special DC Range Offset/Centre Bolted Tag
12
Industrial Applications to BS88 - 660/690V
Offset Bolted Tags
13
Centre Bolted Tags
14
Special Tag Arrangements
15
Street Lighting Applications to BS88
Offset Bolted Tags
16
Utility Applications to BS88
House-Service Cut-Out Fuse Links
17
J Type Fuse Links to BS88: Part 5 Cylindrical
17
J Type Fuse Links to BS88: Part 5 Slotted/Non Slotted
18
Joint NATO Reference System
Cylindrical/Offset Bolted Tag
19
BS88 Fuseholders
Camaster HRC Fuseholder
20
Safeloc Fuseholder
21
Cylindrical Domestic Fuses
22
Domestic Fuses
23
Cylindrical Industrial Fuses
Class gG
24
Class aM
25
CHD
26
CHM
27
CH
28
NH Fuses - Dual Indicator
Class gG - Low Power Loss
29 - 30
Class gG
31
Class aM
32 -33
Class gG - aM
34
NH Fuses - Dimensions
35
NH Fuseholders for Knife Fuses
36
Dimensions for Knife fuse and Fuseholders (NH)
37 - 38
NH Fuse Rails and Disconnectors
39 - 41
DO Fuses
42
DO Fuseholders
43
D Fuses
44
D Fuseholders
45
Other Low Voltage Fuse Ranges
46
Medium Voltage Fuses and Isolators
47
Ultra Fast Fuses and Holders
48 - 49


Số phần tương tự - SB00-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
   30V,15mA Detection Applications
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB0030-01 SANYO-SB0030-01 Datasheet
59Kb / 2P
   10V, 30mA Detection Applications
SB0030-01A SANYO-SB0030-01A Datasheet
59Kb / 2P
   10V, 30mA Detection Applications
More results

Mô tả tương tự - SB00-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com