công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV932QDRQ1 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMV932QDRQ1
Giải thích chi tiết về linh kiện  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV932QDRQ1 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMV932QDRQ1 Datasheet HTML 6Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 7Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 8Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 9Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 10Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 11Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 12Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 13Page - Texas Instruments LMV932QDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
−0.01
0.01
0.03
0.05
0.07
0.09
0.11
0.13
0.15
0.17
0
1
2
3
4
5
Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
125
°C
85
°C
25
°C
−40
°C
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
1
2
3
4
5
6
Supply Voltage − V
SLEW RATE
vs
SUPPLY VOLTAGE
RL = 2 kΩ
AV = 1
VI = 1 Vpp
Falling Edge
Rising Edge
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
SOURCE CURRENT
vs
OUTPUT VOLTAGE
5-V Source
1.8-V Source
2.7-V Source
Output Voltage Referenced to V+ (V)
SINK CURRENT
vs
OUTPUT VOLTAGE
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
Output Voltage Referenced to V− (V)
5-V Sink
2.7-V Sink
1.8-V Sink
LMV931-Q1
LMV932-Q1
LMV934-Q1
SLOS462C – MARCH 2005 – REVISED DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
VCC+ = 5 V, Single Supply, TA = 25°C (unless otherwise specified)
Figure 1.
Figure 2.
Figure 3.
Figure 4.
10
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): LMV931-Q1 LMV932-Q1 LMV934-Q1


Số phần tương tự - LMV932QDRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV932Q1MA TI1-LMV932Q1MA Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932Q1MA/NOPB TI-LMV932Q1MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932Q1MA/NOPB TI1-LMV932Q1MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932Q1MA/NOPB TI1-LMV932Q1MA/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932Q1MAX/NOPB TI-LMV932Q1MAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results

Mô tả tương tự - LMV932QDRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com