công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV934-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
LMV934-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 32 page 1 2 3 5 4 IN+ VCC− IN− VCC+ OUTPUT LMV932...D (SOIC) PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN− 1IN+ VCC+ 2IN+ 2IN− 2OUT 4OUT 4IN− 4IN+ VCC− 3IN+ 3IN− 3OUT 1 2 3 4 8 7 6 5 1OUT 1IN− 1IN+ VCC− VCC+ 2OUT 2IN− 2IN+ LMV934...D (SOIC) OR PW (TSSOP) (TOP VIEW) PACKAGE LMV931...DBV (SOT-23-5) OR DCK (SC-70) PACKAGE (TOP VIEW) LMV931-Q1 LMV932-Q1 LMV934-Q1 www.ti.com SLOS462C – MARCH 2005 – REVISED DECEMBER 2010 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT Check for Samples: LMV931-Q1, LMV932-Q1, LMV934-Q1 1 FEATURES • Qualified for Automotive Applications • 1.8-V, 2.7-V, and 5-V Specifications • Rail-to-Rail Output Swing – 600- Ω Load: 80 mV From Rail – 2-k Ω Load: 30 mV From Rail • VICR: 200 mV Beyond Rails • Gain Bandwidth: 1.4 MHz • Supply Current: 100 µA/Amplifier • Max VIO: 4 mV • Space-Saving Packages – LMV931: SOT-23 and SC-70 – LMV932: SOIC – LMV934: SOIC APPLICATIONS • Industrial (Utility/Energy Metering) • Automotive • Communications (Optical Telecom, Data/Voice Cable Modems) • Consumer Electronics (PDAs, PCs, CD-R/W, Portable Audio) • Supply-Current Monitoring • Battery Monitoring DESCRIPTION The LMV93x devices are low-voltage low-power operational amplifiers that are well suited for today's low-voltage and/or portable applications. Specified for operation of 1.8 V to 5 V, they can be used in portable applications that are powered from a single-cell Li-ion or two-cell batteries. They have rail-to-rail input and output capability for maximum signal swings in low-voltage applications. The LMV93x input common-mode voltage extends 200 mV beyond the rails for increased flexibility. The output can swing rail-to-rail unloaded and typically can reach 80 mV from the rails, while driving a 600- Ω load (at 1.8-V operation). During 1.8-V operation, the devices typically consume a quiescent current of 103 µA per channel, and yet they are able to achieve excellent electrical specifications, such as 101-dB open-loop DC gain and 1.4-MHz gain bandwidth. Furthermore, the amplifiers offer good output drive characteristics, with the ability to drive a 600- Ω load and 1000-pF capacitance with minimal ringing. The LMV93x devices are offered in the latest packaging technology to meet the most demanding space-constraint applications. The LMV931 is offered in standard SOT-23 and SC-70 packages. The LMV932 is available in the traditional SOIC package. The LMV934 is available in the traditional SOIC package and the TSSOP package. The LMV93x devices are characterized for operation from –40°C to 125°C, making the part universally suited for commercial, industrial, and automotive applications. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - LMV934-Q1 |
|
Mô tả tương tự - LMV934-Q1 |