công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV934-Q1 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
LMV934-Q1 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 32 page LMV931-Q1 LMV932-Q1 LMV934-Q1 www.ti.com SLOS462C – MARCH 2005 – REVISED DECEMBER 2010 ELECTRICAL CHARACTERISTICS (continued) VCC+ = 5 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT 25°C 80 100 VO = 0 V, Sourcing VID = 100 mV Full range 68 LMV931 25°C 58 65 VO = 5 V, Sinking Output VID = –100 mV Full range 45 IOS short-circuit mA 25°C 75 100 VO = 0 V, current Sourcing VID = 100 mV Full range 68 LMV932, LMV934 25°C 50 65 VO = 5 V, Sinking VID = –100 mV Full range 60 Gain bandwidth GBW 25°C 1.5 MHz product SR Slew rate(1) 25°C 0.42 V/µs Φm Phase margin 25°C 71 ° Gain margin 25°C 8 dB Equivalent input Vn f = 1 kHz, VIC = 0.5 V 25°C 50 nV/ √Hz noise voltage Equivalent input In f = 1 kHz 25°C 0.07 pA/ √Hz noise current Total harmonic f = 1 kHz, AV = 1, RL = 600 Ω, THD 25°C 0.022 % distortion VID = 1 Vp-p Amplifier-to-amplifier 25°C 123 dB isolation(2) (1) Number specified is the slower of the positive and negative slew rates. (2) Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amplifier is excited, in turn, with a 1-kHz signal to produce VO = 3 Vp-p. Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): LMV931-Q1 LMV932-Q1 LMV934-Q1 |
Số phần tương tự - LMV934-Q1 |
|
Mô tả tương tự - LMV934-Q1 |