công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2210-I-SO bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP2210-I-SO
Giải thích chi tiết về linh kiện  USB-to-SPI Protocol Converter with GPIO (Master Mode)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210-I-SO bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP2210-I-SO Datasheet HTML 5Page - Microchip Technology MCP2210-I-SO Datasheet HTML 6Page - Microchip Technology MCP2210-I-SO Datasheet HTML 7Page - Microchip Technology MCP2210-I-SO Datasheet HTML 8Page - Microchip Technology MCP2210-I-SO Datasheet HTML 9Page - Microchip Technology MCP2210-I-SO Datasheet HTML 10Page - Microchip Technology MCP2210-I-SO Datasheet HTML 11Page - Microchip Technology MCP2210-I-SO Datasheet HTML 12Page - Microchip Technology MCP2210-I-SO Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 9
MCP2210
2.0
MCP2210 FUNCTIONAL
DESCRIPTION
The MCP2210 uses NVRAM to store relevant chip
settings. These settings are loaded by the chip during
the power-up process and they are used for GP
designation and SPI transfers.
The NVRAM settings at power-up (or Reset) are
loaded into the RAM portion of the chip and they can be
altered through certain USB commands. This is very
useful since it allows dynamic reconfiguring of the GPs
or SPI transfer parameters. A practical example to
illustrate this mechanism is a system which uses at
least two SPI slave chips and the GPs in the MCP2210
for various GPIO purposes. The default SPI settings
might be ok for one of the SPI slave chips, but not for
the 2nd. At first, the PC application will make an SPI
transfer to the first chip, using the NVRAM copy of the
SPI settings. Then, by sending a certain USB
command, the SPI transfer settings residing in RAM
will be altered in order to fit the SPI transfer
requirements of the second chip.
Also, if the altered SPI transfer settings are needed to
be the default power-up (or Reset) settings for SPI, the
user can send a series of USB commands in order to
store the current (RAM) SPI settings into NVRAM. In
this way, these new settings will be the power-up
default SPI settings.
The NVRAM settings and EEPROM contents can be
protected by password access means, or they can be
permanently locked without any possible further
modification.
2.1
MCP2210 NVRAM Settings
The chip settings that can be stored in the NVRAM
area are as follows:
• SPI transfer parameters:
- SPI bit rate
- SPI mode
- Idle Chip Select values
- Active Chip Select values
- SPI transfer configurable delays
- Number of bytes to read/write for the given
SPI transfer
• GP designation:
-GPIO
- Chip Select
- Dedicated function
• GPIO default direction (applies only to those GPs
designated as GPIOs)
• GPIO default output value (applies only to those
GPs designated as output GPIOs)
• Chip mode flags:
- Remote wake-up capability
- External Interrupt Pin mode (applies only
when GP6 is designated for this function)
- SPI bus release enable/disable – enable/
disable the release of the SPI bus when there
is no SPI transfer (useful when more than
one SPI master on the bus)
• NVRAM Access mode:
- Full access (no protection – factory default)
- Password protection
- Permanently locked
• Password (relevant when password protection
mechanism is active)
The specified settings are loaded at power-up or Reset
moments, and they can be altered through certain USB
commands.
When a NVRAM conditional access method is already
in place, such as password protection, the NVRAM
settings modification is permitted only when the user
has supplied the correct password for the chip. The
RAM settings can be altered even when a password
protection or permanent lock mechanism are in place.
This allows the user to communicate with various SPI
slave chips without knowing the password, but it will not
allow the modification of the power-up default settings
in NVRAM.
2.2
SPI Transfers
The MCP2210 device provides advanced SPI
communication features such as configurable delays
and multiple Chip Select support.
The configurable delays are related to certain aspects
of the SPI transfer:
• The delay between the assertion of Chip Select(s)
and the first data byte (Figure 2-1)
FIGURE 2-1:
CHIP SELECT TO DATA
DELAY
TCS2DATA
CS
SCK
MOSI
MISO


Số phần tương tự - MCP2210-I-SO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2210-I/SS MICROCHIP-MCP2210-I/SS Datasheet
387Kb / 26P
   Breakout Module
2012
More results

Mô tả tương tự - MCP2210-I-SO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
08/04/10
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
   USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
   USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
   USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
Microchip Technology
EVB-LAN9252 MICROCHIP-EVB-LAN9252 Datasheet
2Mb / 55P
   EVB-LAN9252-HBI-SPI-SQI-GPIO EtherCAT짰 HBI/SPIGPIO
01/27/15
logo
PHOENIX CONTACT
2746391 PHOENIX-2746391 Datasheet
53Kb / 3P
   Master protocol chip - IBS UART
logo
TRINAMIC Motion Control...
TMC4331A TRINAMIC-TMC4331A Datasheet
4Mb / 178P
   SPI Interfaces for 關C with easy-to-use protocol.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com