công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8831MCD bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
DAC8831MCD bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 32 page www.ti.com TIMING CHARACTERISTICS: VDD = 5 V (1) (2) TIMING CHARACTERISTICS: VDD = 3 V (1) (2) DAC8830-EP DAC8831-EP SGLS334C – AUGUST 2006 – REVISED APRIL 2007 At –55 °C to 125°C (unless otherwise noted) PARAMETER MIN MAX UNIT tsck SCLK period 20 ns twsck SCLK high or low time 10 ns tDelay Delay from SCLK high to CS low 18 ns tLead CS enable lead time 12 ns tLag CS enable lag time 15 ns tDSCLK Delay from CS high to SCLK high 15 ns ttd CS high between active period 30 ns tsu Data setup time (input) 10 ns tho Data hold time (input) 0 ns tWLDAC LDAC width 30 ns tDLDAC Delay from CS high to LDAC low 30 ns VDD high to CS low (power-up delay) 10 μs (1) Specified by design. Not production tested. (2) Sample tested during the initial release and after any redesign or process changes that may affect this parameter. At –55 °C to 125°C (unless otherwise noted) PARAMETER MIN MAX UNIT tsck SCLK period 20 ns twsck SCLK high or low time 10 ns tDelay Delay from SCLK high to CS low 18 ns tLead CS enable lead time 15 ns tLag CS enable lag time 15 ns tDSCLK Delay from CS high to SCLK high 15 ns ttd CS high between active period 30 ns tsu Data setup time (input) 10 ns tho Data hold time (input) 0 ns tWLDAC LDAC width 30 ns tDLDAC Delay from CS high to LDAC low 30 ns VDD high to CS low (power-up delay) 10 μs (1) Specified by design. Not production tested. (2) Sample tested during the initial release and after any redesign or process changes that may affect this parameter. 9 Submit Documentation Feedback |
Số phần tương tự - DAC8831MCD |
|
Mô tả tương tự - DAC8831MCD |