công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8484IRGZR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS8484IRGZR
Giải thích chi tiết về linh kiện  18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8484IRGZR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8484IRGZR Datasheet HTML 1Page - Texas Instruments ADS8484IRGZR Datasheet HTML 2Page - Texas Instruments ADS8484IRGZR Datasheet HTML 3Page - Texas Instruments ADS8484IRGZR Datasheet HTML 4Page - Texas Instruments ADS8484IRGZR Datasheet HTML 5Page - Texas Instruments ADS8484IRGZR Datasheet HTML 6Page - Texas Instruments ADS8484IRGZR Datasheet HTML 7Page - Texas Instruments ADS8484IRGZR Datasheet HTML 8Page - Texas Instruments ADS8484IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
_
+
Output
Latches
and
3-State
Drivers
BYTE
16-/8-Bit
ParallelDA TA
OutputBus
SAR
Conversion
and
ControlLogic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
RD
4.096-V
Internal
Reference
REFOUT
BUS18/16
ADS8484
SLAS511 – NOVEMBER 2007
18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER
SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,
REFERENCE
• 48-Pin 7x7 QFN Package
• 1.25-MHz Sample Rate
• ±1.5 LSB Typ, ±2.5 LSB Max INL
• Medical Instruments
• +0.8/-0.6 LSB Typ, +1.5/-1 LSB Max DNL
• Optical Networking
• 18-Bit NMC Ensured Over Temperature
• Transducer Interface
• ±0.5-mV Offset Error
• High Accuracy Data Acquisition Systems
• ±0.05-PPM/°C Offset Error Drift
• Magnetometers
• ±0.1 %FSR Gain Error
• ±0.5-PPM/°C Gain Error Drift
• 98.5dB SNR, –120db THD, 121dB SFDR
The ADS8484 is an 18-bit, 1.25-MSPS A/C converter
with
an
internal
4.096-V
reference
and
a
• Zero Latency
pseudo-bipolar, fully differential input. The device
• Low Power: 235 mW Typ at 1.25 MSPS
includes a 18-bit capacitor-based SAR A/D converter
• Pseudo-Bipolar Fully Differential Input Range:
with inherent sample and hold. The ADS8484 offers a
Vref to –Vref
full 18-bit interface, a 16-bit option where data is read
using two read cycles, or an 8-bit bus option using
• Onboard Reference with 6 PPM/°C Drift
three read cycles.
• Onboard Reference Buffer
The ADS8484 is available in a 48-lead 7x7 QFN
• High-Speed Parallel Interface
package and is characterized over the industrial
• Wide Digital Supply 2.7 V to 5.25 V
–40
°C to 85°C temperature range.
• 8-/16-/18-Bit Bus Transfer
HIGH SPEED SAR CONVERTER FAMILY
TYPE/SPEED
500 kHz
~600 kHz
750 kHz
1 MHz
1.25 MHz
2 MHz
3 MHz
4MHz
ADS8383
ADS8381
ADS8481
18-Bit Pseudo-Diff
ADS8380 (s)
18-Bit Pseudo-Bipolar, Fully Diff
ADS8382 (s)
ADS8482
ADS8484
ADS8327
ADS8370 (s)
ADS8371
ADS8471
ADS8401
ADS8411
16-Bit Pseudo-Diff
ADS8328
ADS8472 (s)
ADS8405
ADS8410 (s)
ADS8472
ADS8402
ADS8412
ADS8422
16-Bit Pseudo-Bipolar, Fully Diff
ADS8406
ADS8413 (s)
14-Bit Pseudo-Diff
ADS7890 (s)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7881
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8484IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8484IRGZT TI1-ADS8484IRGZT Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Mô tả tương tự - ADS8484IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32