công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320-HT bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8320-HT
Giải thích chi tiết về linh kiện  16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8320-HT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8320-HT Datasheet HTML 1Page - Texas Instruments ADS8320-HT Datasheet HTML 2Page - Texas Instruments ADS8320-HT Datasheet HTML 3Page - Texas Instruments ADS8320-HT Datasheet HTML 4Page - Texas Instruments ADS8320-HT Datasheet HTML 5Page - Texas Instruments ADS8320-HT Datasheet HTML 6Page - Texas Instruments ADS8320-HT Datasheet HTML 7Page - Texas Instruments ADS8320-HT Datasheet HTML 8Page - Texas Instruments ADS8320-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADS8320-HT
SBAS521A – DECEMBER 2010 – REVISED APRIL 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
UNIT
VCC
6
V
Analog input voltage
-0.3 to 6
V
Case temperature
100
°C
Junction temperature
–55 to 210
°C
Storage temperature
–55 to 210
°C
External referance voltage
5.5
V
Input current to any pin except supply
±10
mA
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
ELECTRICAL CHARACTERISTICS
VCC = 2.7 V, VREF = 2.5 V, -IN = GND, fSAMPLE = 100 kHz and fCLK = 24 x fSAMPLE, unless otherwise noted.
CONDITIONS
TA = -55°C to 125°C
TA = 210°C
(1)
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
Analog Input
Full-zcale input span
+IN – (–IN)
0
VREF
0
VREF
V
+IN
–0.1
VCC + 0.1
–0.1
VCC + 0.1
Absolute input range
V
–IN
–0.1
0.5
–0.1
0.5
Capacitance
45
45
pF
Leakage current
1
1
nA
System Performance
No missing codes
14
14
Bits
Integral linearity error
±0.008
±0.032
±0.018
±0.034
% of FSR
Offset error
VIN = 3 V
±0.6
±3.8
±0.5
±3.8
mV
Offset temperature drift
VIN = 3 V
±3
±4
μV/°C
Gain error
VIN = 3 V
±0.05
±0.05
% of FSR
Gain temperature drift
VIN = 3 V
±0.3
±0.3
ppm/°C
Noise
20
21
μVrms
Power-supply rejection ratio
2.7 V < VCC < 3.3 V
3
5
LSB(2)
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
LSB means least significant bit. With VREF = 2.5 V, one LSB is 0.038 V.
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8320-HT


Số phần tương tự - ADS8320-HT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8320-HT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com