công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822IDGKRQ1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7822IDGKRQ1
Giải thích chi tiết về linh kiện  12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7822IDGKRQ1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS7822IDGKRQ1 Datasheet HTML 1Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 2Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 3Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 4Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 5Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 6Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 7Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 8Page - Texas Instruments ADS7822IDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS7822-Q1
SGLS299 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS: +VCC = 2.7 V (continued)
At –40°C to 85°C, +VCC = 2.7 V, VREF = 2.5 V, fSAMPLE = 75 kHz, and fCLK = 16 × fSAMPLE (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Specified performance
2.7
3.6
V
VCC
See Notes (3) and (4)
2.0
2.7
V
See Note (4)
2.7
3.6
V
fSAMPLE = 7.5 kHz
(5) (6)
20
µA
Quiescent current
fSAMPLE = 75 kHz
(6)
200
325
µA
Power down current
CS = VCC
10
µA
TEMPERATURE RANGE
Specified performance
–40
85
°C
(3)
The maximum clock rate of the ADS7822 is less than 1.2 MHz in this power-supply range.
(4)
See the Typical Characteristics for more information.
(5)
fCLK = 1.2 MHz, CS = VCC for 145 clock cycles out of every 160.
(6)
See the Power Dissipation section for more information regarding lower sample rates.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS7822-Q1


Số phần tương tự - ADS7822IDGKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI1-ADS7822 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822B BURR-BROWN-ADS7822B Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822C BURR-BROWN-ADS7822C Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822IDGKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com