công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7822-Q1
Giải thích chi tiết về linh kiện  12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7822-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7822-Q1 Datasheet HTML 1Page - Texas Instruments ADS7822-Q1 Datasheet HTML 2Page - Texas Instruments ADS7822-Q1 Datasheet HTML 3Page - Texas Instruments ADS7822-Q1 Datasheet HTML 4Page - Texas Instruments ADS7822-Q1 Datasheet HTML 5Page - Texas Instruments ADS7822-Q1 Datasheet HTML 6Page - Texas Instruments ADS7822-Q1 Datasheet HTML 7Page - Texas Instruments ADS7822-Q1 Datasheet HTML 8Page - Texas Instruments ADS7822-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
SAR
Control
Serial
Interface
D
OUT
Comparator
S/HAmp
CS/SHDN
DCLOCK
+In
V
REF
-In
CDAC
ADS7822-Q1
www.ti.com .................................................................................................................................................................................................. SGLS299 – MARCH 2009
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
• Battery-Operated Systems
2
• Qualified for Automotive Applications
• Remote Data Acquisition
• 200-kHz Sampling Rate
• Isolated Data Acquisition
• Micropower:
• Simultaneous Sampling, Multichannel Systems
1.6 mW at 200 kHz
0.54 mW at 75 kHz
0.06 mW at 7.5 kHz
• Power-Down Current: 3 µA Max
• MSOP-8 Package
• Pseudo-Differential Input
• Serial Interface
The ADS7822 is a 12-bit sampling analog-to-digital (A/D) converter with ensured specifications over a 2.7-V to
5.25-V supply range. It requires very little power even when operating at the full 200-kHz rate. At lower
conversion rates, the high speed of the device enables it to spend most of its time in the power-down mode—the
power dissipation is less than 60
µW at 7.5 kHz.
The ADS7822 also features operation from 2.0 V to 5 V, a synchronous serial interface, and a pseudo-differential
input. The reference voltage can be set to any level within the range of 50 mV to VCC.
Ultra low power and small size make the ADS7822 ideal for battery-operated systems. It is also a perfect fit for
remote data-acquisition modules, simultaneous multichannel systems, and isolated data acquisition. The
ADS7822 is available in an MSOP-8 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS7822-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI1-ADS7822 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822B BURR-BROWN-ADS7822B Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822C BURR-BROWN-ADS7822C Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com