công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5204IPFBRQ1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5204IPFBRQ1
Giải thích chi tiết về linh kiện  DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5204IPFBRQ1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS5204IPFBRQ1 Datasheet HTML 1Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 2Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 3Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 4Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 5Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 6Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 7Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 8Page - Texas Instruments ADS5204IPFBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADS5204Q1
SGLS271A − OCTOBER 2004 − REVISED JUNE 2008
www.ti.com
5
DYNAMIC PERFORMANCE(1)
TA = TMIN to TMAX, AVDD = DVDD = DRVDD = 3.3 V, fIN = −1 dBFS, Internal Reference, fCLK = 80 MHz, fS = 40 MSPS, Differential Input Range
= 2 Vp−p, and PGA Gain = 0 dB, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 3.5 MHz
9.7
Bits
ENOB
Effective number of bits
fIN = 10.5 MHz
9.3
9.7
Bits
ENOB
Effective number of bits
fIN = 20 MHz
9.6
Bits
fIN = 3.5 MHz
−71
dB
THD
Total harmonic distortion
fIN = 10.5 MHz
−71
−63
dB
THD
Total harmonic distortion
fIN = 20 MHz
−68
dB
fIN = 3.5 MHz
60.5
dB
SNR
Signal-to-noise ratio
fIN = 10.5 MHz
60.5
dB
SNR
Signal-to-noise ratio
fIN = 20 MHz
60
dB
fIN = 3.5 MHz
60
dB
SINAD
Signal-to-noise ratio + distortion
fIN = 10.5 MHz
57
60
dB
SINAD
Signal-to-noise ratio + distortion
fIN = 20 MHz
60
dB
fIN = 3.5 MHz
75
dB
SFDR
Spurious-free dynamic range
fIN = 10.5 MHz
66
73
dB
SFDR
Spurious-free dynamic range
fIN = 20 MHz
70.5
dB
Analog input bandwidth
See Note (2)
300
MHz
IMD
2-Tone intermodulation distortion
f1 = 9.5 MHz, f2 = 9.9 MHz
−68
dBc
A/B channel crosstalk
−75
dBc
A/B channel offset mismatch
0.016
1.75 % of FS
A/B channel full-scale error mismatch
0.025
1
% of FS
(1) These specifications refer to a 25-Ω series resistor and 15-pF differential capacitor between A/B+ and A/B− inputs; any source impedance brings
the bandwidth down.
(2) Analog input bandwidth is defined as the frequency at which the sampled input signal is 3 dB down on unity gain and is limited by the input switch
impedance.
PGA SPECIFICATIONS
PARAMETER
MIN
TYP
MAX
UNIT
Gain Range
0 to 18
dB
Gain Step Size(1)
0.5826
dB
Gain Error(2)
−0.15
±0.025
0.15
dB
Control Bits Per Channel
5
Bits
(1) See Table 2, PGA Gain Code. Ideal step size: 18.0618 dB / 31 = 0.5826 dB
(2) Deviation from ideal. See Table 2, all gain settings.


Số phần tương tự - ADS5204IPFBRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5204IPFBR TI-ADS5204IPFBR Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
More results

Mô tả tương tự - ADS5204IPFBRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
   DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com