công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1191IPBSR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1191IPBSR
Giải thích chi tiết về linh kiện  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1191IPBSR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS1191IPBSR Datasheet HTML 3Page - Texas Instruments ADS1191IPBSR Datasheet HTML 4Page - Texas Instruments ADS1191IPBSR Datasheet HTML 5Page - Texas Instruments ADS1191IPBSR Datasheet HTML 6Page - Texas Instruments ADS1191IPBSR Datasheet HTML 7Page - Texas Instruments ADS1191IPBSR Datasheet HTML 8Page - Texas Instruments ADS1191IPBSR Datasheet HTML 9Page - Texas Instruments ADS1191IPBSR Datasheet HTML 10Page - Texas Instruments ADS1191IPBSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
ADS1191
ADS1192
www.ti.com
SBAS566
– DECEMBER 2011
PARAMETER MEASUREMENT INFORMATION
NOISE MEASUREMENTS
The ADS1191/2 noise performance can be optimized by adjusting the data rate and PGA setting. As the
averaging is increased by reducing the data rate, the noise drops correspondingly. Increasing the PGA value
reduces the input-referred noise, which is particularly useful when measuring low-level biopotential signals.
Table 1 and Table 2 summarize the noise performance of the ADS1191/2. The data are representative of typical
noise performance at TA = +25°C. The data shown are the result of averaging the readings from multiple devices
and are measured with the inputs shorted together.
Table 1 and Table 2 show measurements taken with an internal reference. The data are also representative of
the ADS1191/2 noise performance when using a low-noise external reference such as the REF5025.
Table 1. Input-Referred Noise (
μVPP) 3-V Analog Supply and 2.42-V Reference
(1)
PGA GAIN
DR BITS OF
OUTPUT
x1
x2
x3
x4
x6
x8
x12
CONFIG1
DATA RATE
–3-dB BANDWIDTH
REGISTER
(SPS)
(Hz)
μVPP
μVPP
μVPP
μVPP
μVPP
μVPP
μVPP
000
125
32.75
147.1
73.9
49.2
36.9
24.6
18.5
12.3
001
250
65.5
147.7
73.9
49.2
36.9
24.6
18.5
12.3
010
500
131
147.7
73.9
49.2
36.9
24.6
18.5
12.3
011
1000
262
147.7
73.9
49.2
36.9
24.6
18.5
12.3
100
2000
524
221.5
110.8
73.8
55.4
36.9
27.7
18.5
101
4000
1048
810.0
405.0
270.0
202.5
135.0
101.3
67.5
110
8000
2096
3900.0
1950.0
1300.0
975.0
650.0
487.5
325.0
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
Table 2. Input-Referred Noise (
μVPP) 5-V Analog Supply and 4.033-V Reference
(1)
PGA GAIN
DR BITS OF
OUTPUT
x1
x2
x3
x4
x6
x8
x12
CONFIG1
DATA RATE
–3-dB BANDWIDTH
REGISTER
(SPS)
(Hz)
μVPP
μVPP
μVPP
μVPP
μVPP
μVPP
μVPP
000
125
32.75
246.1
123.1
82.0
61.5
41.0
30.8
20.5
001
250
65.5
246.1
123.1
82.0
61.5
41.0
30.8
20.5
010
500
131
246.1
123.1
82.0
61.5
41.0
30.8
20.5
011
1000
262
246.1
123.1
82.0
61.5
41.0
30.8
20.5
100
2000
524
369.2
184.6
123.1
92.3
61.5
46.2
30.8
101
4000
1048
1230.0
615.0
410.0
307.5
205.0
153.8
102.5
110
8000
2096
6800.0
3400.0
2266.7
1700.0
1133.3
850.0
566.7
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1191 ADS1192


Số phần tương tự - ADS1191IPBSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Mô tả tương tự - ADS1191IPBSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com