công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1130IPW bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1130IPW
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter For Bridge Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1130IPW bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1130IPW Datasheet HTML 1Page - Texas Instruments ADS1130IPW Datasheet HTML 2Page - Texas Instruments ADS1130IPW Datasheet HTML 3Page - Texas Instruments ADS1130IPW Datasheet HTML 4Page - Texas Instruments ADS1130IPW Datasheet HTML 5Page - Texas Instruments ADS1130IPW Datasheet HTML 6Page - Texas Instruments ADS1130IPW Datasheet HTML 7Page - Texas Instruments ADS1130IPW Datasheet HTML 8Page - Texas Instruments ADS1130IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADS1130
1
FEATURES
DESCRIPTION
APPLICATIONS
DS ADC
REFP REFN
CAP
DVDD
DGND
AINP
AINN
SCLK
SPEED
DRDY/DOUT
PDWN
AVDD
CAP
Internal
Oscillator
Gain=64
AGND
ADS1130
www.ti.com ...................................................................................................................................................................................................... SBAS458 – JUNE 2009
18-Bit Analog-to-Digital Converter
For Bridge Sensors
2
• 18-Bit Noise-Free Resolution
The ADS1130 is a precision, 18-bit analog-to-digital
converter (ADC). With an onboard low-noise gain
• Complete Front-End for Bridge Sensor
amplifier, onboard oscillator, and precision 18-bit
• Onboard Gain of 64
delta-sigma ADC, the ADS1130 provides a complete
• Onboard Oscillator
front-end solution for bridge sensor applications
• Selectable 10SPS or 80SPS Data Rates
including weigh scales and strain gauges.
• Simultaneous 50Hz and 60Hz Rejection at
The low-noise amplifier has a gain of 64, supporting a
10SPS
full-scale differential input of ±39mV. The delta-sigma
ADC has 18-bit effective resolution and is comprised
• External Voltage Reference up to 5V for
of a third-order modulator and fourth-order digital
Ratiometric Measurements
filter. Two data rates are supported: 10SPS (with both
• Simple, Pin-Driven Control
50Hz and 60Hz rejection) and 80SPS. The ADS1130
• Two-Wire Serial Digital Interface
can be put into a low-power standby mode or shut off
completely in power-down mode.
• Tiny TSSOP-16 Package
• Supply Range: 2.7V to 5.3V
All of the features of the ADS1130 are controlled by
dedicated pins; there are no digital registers to
program. Data are output over an easily-isolated
serial interface that connects directly to the MSP430
• Weigh Scales
and other microcontrollers.
• Strain Gauges
The ADS1130 is available in a TSSOP-16 package
and is specified for operation from –40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Số phần tương tự - ADS1130IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130IPW TI1-ADS1130IPW Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPWR TI1-ADS1130IPWR Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Mô tả tương tự - ADS1130IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com