công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1130IPW bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1130IPW
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter For Bridge Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1130IPW bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS1130IPW Datasheet HTML 4Page - Texas Instruments ADS1130IPW Datasheet HTML 5Page - Texas Instruments ADS1130IPW Datasheet HTML 6Page - Texas Instruments ADS1130IPW Datasheet HTML 7Page - Texas Instruments ADS1130IPW Datasheet HTML 8Page - Texas Instruments ADS1130IPW Datasheet HTML 9Page - Texas Instruments ADS1130IPW Datasheet HTML 10Page - Texas Instruments ADS1130IPW Datasheet HTML 11Page - Texas Instruments ADS1130IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DATA RETRIEVAL
DRDY/DOUT
17
16
15
1
18
0
LSB
MSB
Data
DataReady
SCLK
t
DS
t
CONV
t
SCLK
t
PD
NewDataReady
t
SCLK
t
HT
t
UPDATE
ADS1130
SBAS458 – JUNE 2009 ...................................................................................................................................................................................................... www.ti.com
SCLKs may be applied to force DRDY/DOUT high.
This technique is useful when a host controlling the
The ADS1130 continuously converts the analog input
device is polling DRDY/DOUT to determine when
signal. To retrieve data, wait until DRDY/DOUT goes
data are ready. Do not apply more than 24 SCLKs
low, as shown in Figure 6. After DRDY/DOUT goes
during data retrieval.
low, begin shifting out the data by applying SCLKs.
Data are shifted out MSB first. It is not required to
shift out all 18 bits of data, but the data must be
retrieved before new data are updated (within tCONV)
or else the data are overwritten. Avoid data retrieval
during the update period (tUPDATE). To avoid having
DRDY/DOUT remain in the state of the last bit, the 24
Figure 6. Data Retrieval Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tDS
DRDY/DOUT low to first SCLK rising edge
0
ns
tSCLK
SCLK positive or negative pulse width
100
ns
tPD
SCLK rising edge to new data bit valid: propagation delay
50
ns
tHT
SCLK rising edge to old data bit valid: hold time
0
ns
tUPDATE
Data updating: no readback allowed
39
µs
SPEED = 1
12.5
ms
tCONV
Conversion time (1/data rate)
SPEED = 0
100
ms
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1130
Not Recommended for New Designs


Số phần tương tự - ADS1130IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130IPW TI1-ADS1130IPW Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPWR TI1-ADS1130IPWR Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Mô tả tương tự - ADS1130IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com