công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMF3R10FT bảng dữ liệu(PDF) 1 Page - Tyco Electronics |
|
SMF3R10FT bảng dữ liệu(HTML) 1 Page - Tyco Electronics |
1 / 3 page Characteristics - Electrical Characteristics - Environmental Test Condition SM (Wire) SM (Metal Film) Temperature Coefficient -55°C – +200°C ± 200ppm /°C ± 100ppm /°C of Resistance: Short Time Overload: 5 times of rated wattage for 5 sec. ± 1% ± 0.5% Rated Load: Rated voltage for 30 minutes ± 1% ± 0.5% Insulation Resistance: 500VDC 10,000 MΩ 10,000 MΩ Load Life: 70°C 1.5 hrs on 0.5 hrs off for 1000 hrs ± 2% ± 1% Humidity Load Life: 40°C ±2°C @ 90-95% RH 500 hrs ± 2% ± 1% 1.5 hrs on 0.5 hrs off Voltage Withstand: 500VAC for 60 seconds No Physical damage Solderability: 235°C ±5°C for 2 seconds 95% coverage Resistance to 270°C ±5°C for 10 ±1seconds Resistance value change Soldering Heat: within ± 1% SM (Wire) SM (Metal Film) Values SM_2: R10 – 200R 201R – 2M Values SM_3: R10 – 300R 301R – 2M Values SM_5: R10 – 500R 501R – 2M Value Grid: E24 Resistance Tolerance: 1% or 5% Power Rating @ 25°C SM_2: 2.0 Watts Power Rating @ 25°C SM_3: 3.0 Watts Power Rating @ 25°C SM_5: 5.0 Watts Derating: See Curve Below Max Operating Voltage SM_2: 300 Volts Max Operating Voltage SM_3: 500 Volts Max Operating Voltage SM_5: 500 Volts SMD Moulded Power Resistor Type SM Series 1773242 CIS WR 04/2012 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Key Features ■ Low Profile Design ■ Available on Tape ■ Very Wide Value Range ■ Ideal for Power Circuitry ■ Available in 2,3 or 5 Watts ■ Flameproof Coating UL94V0 TE Connectivity (TE) introduces a surface mount power resistor suited to meet today's circuit design needs. Each size offers low profile case design with flexible tinned copper terminations for reliable solder joints. All styles utilize a fully welded construction technique, unlike other designs that rely solely on tinned termination onnections. These features allow the SM Series to withstand the higher temperatures associated with reflow, vapour phase, or infrared (IR) manufacturing processes without degradation. |
Số phần tương tự - SMF3R10FT |
|
Mô tả tương tự - SMF3R10FT |