công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4360-6BCPZRL7 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
ADF4360-6BCPZRL7 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 24 page ADF4360-6 Rev. A | Page 4 of 24 Parameter B Version Unit Conditions/Comments NOISE CHARACTERISTICS5 VCO Phase-Noise Performance8 −110 dBc/Hz typ @ 100 kHz offset from carrier. −132 dBc/Hz typ @ 1 MHz offset from carrier. −141 dBc/Hz typ @ 3 MHz offset from carrier. −147 dBc/Hz typ @ 10 MHz offset from carrier. Synthesizer Phase-Noise Floor9 −172 dBc/Hz typ @ 25 kHz PFD frequency. −163 dBc/Hz typ @ 200 kHz PFD frequency. −147 dBc/Hz typ @ 8 MHz PFD frequency. In-Band Phase Noise10, 11 −88 dBc/Hz typ @ 1 kHz offset from carrier. RMS Integrated Phase Error12 0.64 Degrees typ 100 Hz to 100 kHz. Spurious Signals due to PFD Frequency11, 13 −65 dBc typ Level of Unlocked Signal with MTLD Enabled −44 dBm typ 1 Operating temperature range is –40°C to +85°C. 2 Guaranteed by design. Sample tested to ensure compliance. 3 ICP is internally modified to maintain constant loop gain over the frequency range. 4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V; P = 32. 5 These characteristics are guaranteed for VCO core power = 10 mA. 6 Jumping from 1.0 GHz to 1.25 GHz. PFD frequency = 200 kHz; loop bandwidth = 10 kHz. 7 Using 50 Ω resistors to VVCO, into a 50 Ω load. For tuned loads, see the Output M section. atching 8 The noise of the VCO is measured in open-loop conditions. 9 The synthesizer phase-noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value). 10 The phase noise is measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the synthesizer; offset frequency = 1 kHz. 11 fREFIN = 10 MHz; fPFD = 200 kHz; N = 5000; Loop B/W = 10 kHz. 12 fREFIN = 10 MHz; fPFD = 1 MHz; N = 1000; Loop B/W = 25 kHz. 13 The spurious signals are measured with the EVAL-ADF4360-xEB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the synthesizer; fREFOUT = 10 MHz @ 0 dBm. |
Số phần tương tự - ADF4360-6BCPZRL7 |
|
Mô tả tương tự - ADF4360-6BCPZRL7 |