công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4360-9 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADF4360-9
Giải thích chi tiết về linh kiện  Clock Generator PLL with Integrated VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-9 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADF4360-9 Datasheet HTML 1Page - Analog Devices ADF4360-9 Datasheet HTML 2Page - Analog Devices ADF4360-9 Datasheet HTML 3Page - Analog Devices ADF4360-9 Datasheet HTML 4Page - Analog Devices ADF4360-9 Datasheet HTML 5Page - Analog Devices ADF4360-9 Datasheet HTML 6Page - Analog Devices ADF4360-9 Datasheet HTML 7Page - Analog Devices ADF4360-9 Datasheet HTML 8Page - Analog Devices ADF4360-9 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF4360-9
Rev. B | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = VVCO = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.1
Table 1.
Parameter
B Version
Unit
Conditions/Comments
REFIN CHARACTERISTICS
REFIN Input Frequency
10/250
MHz min/MHz max
For f < 10 MHz, use a dc-coupled, CMOS-compatible
square wave, slew rate > 21 V/μs
REFIN Input Sensitivity
0.7/AVDD
V p-p min/V p-p max
AC-coupled
0 to AVDD
V max
CMOS-compatible
REFIN Input Capacitance
5.0
pF max
REFIN Input Current
±60
μA max
PHASE DETECTOR
Phase Detector Frequency2
8
MHz max
CHARGE PUMP
ICP Sink/Source3
With RSET = 4.7 kΩ
High Value
2.5
mA typ
Low Value
0.312
mA typ
RSET Range
2.7/10
kΩ min/kΩ max
ICP Three-State Leakage Current
0.2
nA typ
Sink and Source Current Matching
2
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
% typ
1.25 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
% typ
VCP = 2.0 V
LOGIC INPUTS
Input High Voltage, VINH
1.5
V min
Input Low Voltage, VINL
0.6
V max
Input Current, IINH/IINL
±1
μA max
Input Capacitance, CIN
3.0
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V min
CMOS output chosen
Output High Current, IOH
500
μA max
Output Low Voltage, VOL
0.4
V max
IOL = 500 μA
POWER SUPPLIES
AVDD
3.0/3.6
V min/V max
DVDD
AVDD
VVCO
AVDD
AIDD4
5
mA typ
DIDD4
2.5
mA typ
IVCO4, 5
12.0
mA typ
ICORE = 5 mA
IRFOUT4
3.5 to 11.0
mA typ
RF output stage is programmable
Low Power Sleep Mode4
7
μA typ
RF OUTPUT CHARACTERISTICS5
Maximum VCO Output Frequency
400
MHz
ICORE = 5 mA; depending on L1 and L2; see the
Choosing the Correct Inductance Value section
Minimum VCO Output Frequency
65
MHz
VCO Output Frequency
90/108
MHz min/MHz max
L1, L2 = 270 nH; see the Choosing the Correct
Inductance Value section for other frequency values
VCO Frequency Range
1.2
Ratio
fMAX/fMIN
VCO Sensitivity
2
MHz/V typ
L1, L2 = 270 nH; see the Choosing the Correct
Inductance Value section for other sensitivity values
Lock Time6
400
μs typ
To within 10 Hz of final frequency


Số phần tương tự - ADF4360-9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZ AD-ADF4360-9BCPZ Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL AD-ADF4360-9BCPZRL Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
More results

Mô tả tương tự - ADF4360-9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
   Multi Output Clock Generator with Integrated 2.0GHz VCO
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com