công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1204IRHBTG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS1204IRHBTG4
Giải thích chi tiết về linh kiện  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204IRHBTG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1204IRHBTG4 Datasheet HTML 1Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 2Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 3Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 4Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS1204IRHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
R
650W
ON
C
1pF
(SAMPLE)
BV
DD
D
IN
BGND
AV
DD
A
IN
AGND
DiodeTurn-OnVoltage:0.35V
EquivalentDigitalInputCircuit
EquivalentAnalogInputCircuit
ADS1204
www.ti.com........................................................................................................................................... SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at –40°C to +105°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V,
CH x– = 2.5V, REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc
3 filter with decimation by 256, unless
otherwise noted.
ADS1204
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIGITAL INPUTS(7)
Logic family
LVCMOS
VIH
High-level input voltage
BVDD = 3.6V
2
BVDD + 0.3
V
VIL
Low-level input voltage
BVDD = 2.7V
–0.3
0.8
V
IIN
Input current
VI = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
DIGITAL OUTPUTS(7)
Logic family
LVCMOS
VOH
High-level output voltage
BVDD = 2.7V, IOH = –100µA
BVDD – 0.2
V
VOL
Low-level output voltage
BVDD = 2.7V, IOL = +100µA
0.2
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit stream
POWER SUPPLY
AVDD
Analog supply voltage
4.5
5.5
V
Low-voltage levels
2.7
3.6
V
BVDD
Buffer I/O supply voltage
5V logic levels
4.5
5.5
V
CLKSEL = 1
22.5
30
mA
AIDD
Analog operating supply current
CLKSEL = 0
22.4
29
mA
BVDD = 3V, CLKOUT = 10MHz
4
mA
BIDD
Buffer I/O operating supply current
BVDD = 5V, CLKOUT = 10MHz
4
mA
CLKSEL = 0
122
145
mW
Power dissipation
CLKSEL = 1
112.5
150
mW
(7)
Applicable for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.
EQUIVALENT INPUT CIRCUITS
NOTE: The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left floating. Keep the
thermal pad separate from the digital ground, if possible.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1204


Số phần tương tự - ADS1204IRHBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Mô tả tương tự - ADS1204IRHBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com