công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1203IPWTG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS1203IPWTG4
Giải thích chi tiết về linh kiện  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWTG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1203IPWTG4 Datasheet HTML 1Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 2Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 3Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 4Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 5Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 6Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 7Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 8Page - Texas Instruments ADS1203IPWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV,
VIN− = 0V, Mode 3, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
ADS1203I
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNITS
Resolution
16
Bits
DC Accuracy
INL
Integral linearity error(2)
±1
±4
LSB
INL
Integral linearity error(2)
TA = −40°C to +85°C
±3
LSB
DNL
Differential nonlinearity(3)
±1
LSB
VOS
Input offset(4)
±220
±1000
µV
TCVOS
Input offset drift
±3.5
±8
µV/°C
GERR
Gain error(4)
REFIO = internal 2.5V
±0.2
±1.4
%
GERR
Gain error(4)
REFIO = internal 2.5V, TA = −40°C to +85°C
−1
1
%
TCGERR
Gain error drift
±30
ppm/
°C
TCGERR
Gain error drift
TA = −40°C to +85°C
±20
ppm/
°C
PSRR
Power-supply rejection ratio
4.5V < AVDD or VDD < 5.5V
80
dB
Analog Input
FSR
Full-scale differential range
(VIN+) − (VIN−)
±320
mV
Operating common-mode
signal(3)
−0.1
5
V
Input capacitance
Common-mode
3
pF
Input leakage current
±16
nA
Input leakage current
TA = −40°C to +85°C
±1
nA
Differential input resistance
Equivalent
28
k
Differential input capacitance
5
pF
CMRR
Common-mode rejection ratio
At DC
92
dB
CMRR
Common-mode rejection ratio
VIN = 0V to 5V at 50kHz
105
dB
Internal Clock for Modes 0, 1, and 2
Clock frequency
8.7
10
11
MHz
Clock frequency
TA = −40°C to +85°C
9
11
MHz
External Clock for Mode 3
Clock frequency(5)
16
20
24
MHz
(1) All typical values are at T
A = +25
°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the supported external clock frequency range is 1MHz up to 32MHz.
(6) Available only for QFN package.
(7) Applicable for 5.0V nominal supply: BV
DD = 4.5V to 5.5V.
(8) Applicable for 3.0V nominal supply: BV
DD = 2.7V to 3.6V.
(9) Measured with CLKOUT pin not loaded.


Số phần tương tự - ADS1203IPWTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1203IPWTG4 TI1-ADS1203IPWTG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Mô tả tương tự - ADS1203IPWTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com