công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMB20CA bảng dữ liệu(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMB20CA bảng dữ liệu(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
4 / 4 page Breakdowm voltage VBR Volts Working PeakReverse Voltage Maximum Reverse Leakage at VRWM Maximum Reverse Surge Current Maximum Reverse Voltage at IRSM (Clamping Voltage) (UNI) (BI) Min. Max. @IT( mA) VRWM(Volts) IR (uA) IRSM(Amps) VRSM(Volts) SMB47 SMB47C MDK MDM 42.3 51.7 1.0 38.1 5.0 8.85 67.8 SMB47A SMB47CA MEK MEM 44.7 49.4 1.0 40.2 5.0 9.26 64.8 SMB51 SMB45C MFK MFM 45.9 56.1 1.0 41.3 5.0 8.16 73.5 SMB51A SMB45CA MGK MGM 48.5 53.6 1.0 43.6 5.0 8.56 70.1 SMB56 SMB56C MHK MHM 50.4 61.6 1.0 45.4 5.0 7.45 80.5 SMB56A SMB56CA MKK MKM 53.2 58.8 1.0 47.8 5.0 7.79 77.0 SMB62 SMB62C MLK MLM 55.8 68.2 1.0 50.2 5.0 6.74 89.0 SMB62A SMB62CA MMK MMM 58.9 65.1 1.0 53.0 5.0 7.06 85.0 SMB68 SMB68C MNK MNM 61.2 74.8 1.0 55.1 5.0 6.12 98.0 SMB68A SMB68CA MPK MPM 64.6 71.4 1.0 58.1 5.0 6.52 92.0 SMB75 SMB75C MQK MQM 67.5 82.5 1.0 60.7 5.0 5.56 108 SMB75A SMB75CA MRK MRM 71.3 78.8 1.0 64.1 5.0 5.83 103 SMB82 SMB82C MSK MSM 73.8 90.2 1.0 66.4 5.0 5.08 118 SMB82A SMB82CA MTK MTM 77.8 86.0 1.0 70.1 5.0 5.31 113 SMB91 SMB91C MUK MUM 81.9 100 1.0 73.7 5.0 4.58 131 SMB91A SMB91CA MVK MVM 86.5 95.5 1.0 77.8 5.0 4.80 125 SMB100 SMB100C MWK MWM 90.0 110 1.0 81.0 5.0 4.17 144 SMB100A SMB100CA MXK MXM 95.0 105 1.0 85.5 5.0 4.38 137 SMB110 SMB110C MYK MYM 99.0 121 1.0 89.2 5.0 3.80 158 SMB110A SMB110CA MZK MZM 105 116 1.0 94.0 5.0 3.95 152 SMB120 SMB120C NDK NDM 108 132 1.0 97.2 5.0 3.47 173 SMB120A SMB120CA NEK NEM 114 126 1.0 102 5.0 3.64 165 SMB130 SMB130C NFK NFM 117 143 1.0 105 5.0 3.21 187 SMB130A SMB130CA NGK NGM 124 137 1.0 111 5.0 3.35 179 SMB150 SMB150C NHK NHM 135 165 1.0 121 5.0 2.79 215 SMB150A SMB150CA NKK NKM 143 158 1.0 128 5.0 2.90 207 SMB160 SMB160C NLK NLM 144 176 1.0 130 5.0 2.61 230 SMB160A SMB160CA NMK NMM 152 168 1.0 136 5.0 2.74 219 SMB170 SMB170C NNK NNM 153 187 1.0 138 5.0 2.46 244 SMB170A SMB170CA NPK NPM 162 179 1.0 145 5.0 2.56 234 SMB180 SMB180C NQK NQM 162 198 1.0 146 5.0 2.33 258 SMB180A SMB180CA NRK NRM 171 189 1.0 154 5.0 2.44 246 SMB200 SMB200C NSK NSM 180 220 1.0 162 5.0 2.09 287 SMB200A SMB200CA NTK NTM 190 210 1.0 171 5.0 2.19 274 NOTE : 1) Suffix 'A ' denotes 5% tolerance device,no suffix denotes 10 % tolerance device. 2) Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices. 3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double . Device Uni- directional Device Bi- directional Device Marking code SMB Series 600Watts Surface Mount Transient Voltage Suppressor http://www.luguang.cn mail:lge@luguang.cn |
Số phần tương tự - SMB20CA |
|
Mô tả tương tự - SMB20CA |