công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12H bảng dữ liệu(PDF) 1 Page - Frontier Electronics. |
|
SS12H bảng dữ liệu(HTML) 1 Page - Frontier Electronics. |
1 / 2 page SS12H THRU SS110H Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SS12H THRU SS110H FEATURES EXTREMELY LOW VF LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION LOW POWER LOSS / HIGH EFFICIENCY UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND MECHANICAL DATA CASE: TRANSFER MOLDED, DO-214AC SMA, DIMENSIONS IN INCHES AND (MILLIMETERS) TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026 POLARITY CATHODE INDICATED BY COLOR BAND WEIGHT 0.064 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20% RATINGS SYMBOL SS12H SS13H SS14H SS15H SS16H SS17H SS18H SS19H SS110H UNITS MAXIMUM RECURRENT PEAK REVERSE VOLTAGE VRRM 20 30 40 50 60 70 80 90 100 V MAXIMUM RMS VOLTAGE VRMS 14 21 28 35 42 49 56 63 70 V MAXIMUM DC BLOCKING VOLTAGE VDC 20 30 40 50 60 70 80 90 100 V MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT AT TL=90°C IO 1.0 A PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD IFSM 25 A TYPICAL JUNCTION CAPACITANCE (NOTE 1) CJ 70 PF STORAGE TEMPERATURE RANGE TSTG - 55 TO + 150 ℃ OPERATING TEMPERATURE RANGE TOP - 55 TO + 125 ℃ ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED) CHARACTERISTICS SYMBOL SS12H SS13H SS14H SS15H SS16H SS17H SS18H SS19H SS110H UNITS MAXIMUM FORWARD VOLTAGE AT Io DC VF 0.50 0.70 0.85 V MAXIMUM REVERSE CURRENT AT 25 ℃ IR 0.1 mA NOTE: 1. MEASURED AT 1.0 MHz AND APPLIED REVERSE VOLTAGE OF 4.0V D.C. .220(5.6) .192(4.9) .190(4.8) .157(4.0) .071(1.8) .035(0.9) .110(2.8) .090(2.3) .080(2.0) .100(2.6) .080(2.0) .065(1.65) .040(1.25) CATHODE .177(4.5) .071(1.8) .087(2.2) SOLDERING PAD |
Số phần tương tự - SS12H |
|
Mô tả tương tự - SS12H |