công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM4934-LFR bảng dữ liệu(PDF) 1 Page - Frontier Electronics.

tên linh kiện SM4934-LFR
Giải thích chi tiết về linh kiện  1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRONTIER [Frontier Electronics.]
Trang chủ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM4934-LFR bảng dữ liệu(HTML) 1 Page - Frontier Electronics.

  SM4934-LFR Datasheet HTML 1Page - Frontier Electronics. SM4934-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4933-LFR THRU SM4937-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR THRU SM4937-LFR
FEATURES
FAST SWITCHING
GLASS PASSIVATED DEVICE
IDEAL FOR SURFACE MOUNTED APPLICATIONS
LOW LEAKAGE CURRENT
FAST SWITCHING TIME
ROHS
MECHANICAL DATA
CASE: TRANSFER MOLDED, MELF, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.135 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SM4933-LFR SM4934-LFR SM4935-LFR SM4936-LFR SM4937-LFR UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TL=75
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SM4933-LFR SM4934-LFR SM4935-LFR SM4936-LFR SM4937-LFR UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.3
V
MAXIMUM REVERSE CURRENT AT 55
IR
5.0
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 2)
TRR
150
nS
NOTE :
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
SOLDERABLE ENDS
.105(2.67)
.095(2.41)
.205(5.2)
.190(4.8)
.022(.60)
.018(.46)


Số phần tương tự - SM4934-LFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
SM4934 RECTRON-SM4934 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Luguang Electr...
SM4934 LUGUANG-SM4934 Datasheet
185Kb / 2P
   Surface Mount Rectifiers
logo
Bytes
SM4934 BYTES-SM4934 Datasheet
159Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SM4934 CHENDA-SM4934 Datasheet
607Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Dc Components
SM4934 DCCOM-SM4934 Datasheet
474Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Mô tả tương tự - SM4934-LFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com