công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1202IPWTG4 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS1202IPWTG4
Giải thích chi tiết về linh kiện  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWTG4 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS1202IPWTG4 Datasheet HTML 7Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 8Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 9Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 10Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 11Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 12Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 13Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 14Page - Texas Instruments ADS1202IPWTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADS1202
11
SBAS275B
www.ti.com
ANALOG INPUT STAGE
Analog Input
The input design topology of the ADS1202 is based on a fully
differential switched-capacitor architecture. This input stage
provides the mechanism to achieve low system noise, high
common-mode rejection (90dB), and excellent power-supply
rejection. The input impedance of the analog input is depen-
dent on the input capacitor and modulator clock frequency
(MCLK), which is also the sampling frequency of the modu-
lator. Figure 2 shows the basic input structure of the ADS1202.
The relationship between the input impedance of the ADS1202
and the modulator clock frequency is:
A
f
MHz
IN
MCLK
( ) =
10
7
12
()
(1)
The input impedance becomes a consideration in designs
where the source impedance of the input signal is HIGH. In
this case, it is possible for a portion of the signal to be lost
across this external source impedance. The importance of this
effect depends on the desired system performance. There are
two restrictions on the analog input signal to the ADS1202.
Under no conditions should the current into or out of the
analog inputs exceed 10mA. The absolute input voltage range
must stay in the range GND – 0.4V to VDD + 0.3V. If either of
the inputs exceeds these limits, the input protection diodes on
the front end of the converter will begin to turn on. In addition,
the linearity of the device is ensured only when the analog
voltage applied to either input resides within the range defined
by –320mV and +320mV.
Modulator
The modulator sampling frequency (CLK) can be operated
over a range of a few MHz to 12MHz in mode 3. The
frequency of MCLK can be decreased to adjust for the clock
requirements of the application. The external MCLK must
have double the modulator frequency.
The modulator topology is fundamentally a 2nd-order, charge-
balancing A/D converter, as the one conceptualized in Figure 3.
The analog input voltage and the output of the 1-bit Digital-to-
Analog Converter (DAC) are differentiated, providing an analog
voltage at X2 and X3. The voltage at X2 and X3 are presented
to their individual integrators. The output of these integrators
progress in a negative or positive direction. When the value of
the signal at X4 equals the comparator reference voltage, the
output of the comparator switches from negative to positive, or
positive to negative, depending on its original state. When the
output value of the comparator switches from HIGH to LOW or
vice versa, the 1-bit DAC responds on the next clock pulse by
changing its analog output voltage at X6, causing the integrators
to progress in the opposite direction. The feedback of the
modulator to the front end of the integrators forces the value of
the integrator output to track the average of the input.
FIGURE 2. Input Impedance of the ADS1202.
FIGURE 3. Block Diagram of the 2nd-Order Modulator.
R
SW
350
Ω (typ)
Switching Frequency
= CLK
High
Impedance
> 1G
C
INT
7pF (typ)
V
CM
A
IN+
R
SW
350
Ω (typ)
High
Impedance
> 1G
C
INT
7pF (typ)
1.5pF
1.5pF
A
IN
V
REF
X
4
X
6
Integrator 2
Comparator
f
CLK
DATA
D/A Converter
X
3
X
2
X(t)
f
S
Integrator 1


Số phần tương tự - ADS1202IPWTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1202IPWTG4 TI-ADS1202IPWTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWTG4 TI-ADS1202IPWTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Mô tả tương tự - ADS1202IPWTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com