công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1202IPWT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1202IPWT
Giải thích chi tiết về linh kiện  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1202IPWT Datasheet HTML 1Page - Texas Instruments ADS1202IPWT Datasheet HTML 2Page - Texas Instruments ADS1202IPWT Datasheet HTML 3Page - Texas Instruments ADS1202IPWT Datasheet HTML 4Page - Texas Instruments ADS1202IPWT Datasheet HTML 5Page - Texas Instruments ADS1202IPWT Datasheet HTML 6Page - Texas Instruments ADS1202IPWT Datasheet HTML 7Page - Texas Instruments ADS1202IPWT Datasheet HTML 8Page - Texas Instruments ADS1202IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS1202
5
SBAS275B
www.ti.com
t
D4
t
w4
t
C4
MCLK
MDAT
DIAGRAM 4: Mode 3 Operation.
SPEC
DESCRIPTION
MODE
MIN
MAX
UNITS
tC1
Clock Period
0
83
125
ns
tW1
Clock HIGH Time
0
tC1/2 – 5tC1/2 + 5
ns
tD1
Data delay after falling edge of clock
0
–22
ns
tC2
Clock Period
1
166
250
ns
tW2
Clock HIGH Time
1
tC2/2 – 5tC2/2 + 5
ns
tD2
Data delay after rising edge of clock
1
–22
ns
tD3
Data delay after falling edge of clock
1
–22
ns
tC3
Clock Period
2
83
125
ns
tW3
Clock HIGH Time
2
tC3/2 – 5tC3/2 + 5
ns
tC4
Clock Period
3
41
62
ns
tW4
Clock HIGH Time
3
10
tC4 – 10
ns
tD4
Data delay after falling edge of clock
3
0
10
ns
tR1
Rise Time of Clock
3
0
10
ns
tF1
Fall Time of Clock
3
0
10
ns
NOTE: All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See timing diagrams 1 thru 4.
TIMING CHARACTERISTICS
over recommended operating free-air temperature range –40
°C to +85°C, V
DD = 5V, and MCLK = 10MHz, unless otherwise noted.
TIMING DIAGRAMS (Cont.)


Số phần tương tự - ADS1202IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202IPWT BURR-BROWN-ADS1202IPWT Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI1-ADS1202IPWT Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWTG4 TI-ADS1202IPWTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Mô tả tương tự - ADS1202IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com