công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS1201U bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
ADS1201U bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 17 page 2 ADS1201 ® At TA = +25°C, AVDD = DVDD = +5V, MCLK = 320kHz, REFEN LOW, BIASEN LOW, and external +2.5V reference, unless otherwise specified. The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. SPECIFICATIONS ADS1201U PARAMETER CONDITIONS MIN TYP MAX UNITS ANALOG INPUT Absolute Input Voltage Range 0 +5 V With VBIAS(1) –10 +10 V Differential Input Voltage Range –5 +5 V With VBIAS(1) –20 See Note 2 +20 V Input Impedance 250(4) k Ω Input Capacitance 8pF Input Leakage Current 550 pA At TMIN to TMAX 1nA SYSTEM PERFORMANCE Dynamic Range 10Hz Bandwidth(5) 130(6) dB 60Hz Bandwidth(5) 115(6) 120(6) dB 1kHz Bandwidth(5) 115(6) dB Integral Linearity Error 60Hz Bandwidth(5) ±0.0015 %FSR 1kHz Bandwidth(5) ±0.0015 %FSR Offset Error(2) See Note 7 µV Offset Drift(3) 1 µV/°C Gain Error(2) See Note 7 ppm Gain Error Drift(3) 1 µV/°C Common-Mode Rejection At DC 80 100 dB Power Supply Rejection 80 dB REFERENCE Internal Reference (REFOUT) 2.4 2.5 2.6 V Drift 25 ppm/ °C Noise 50 µVp-p Load Current Source or Sink –1 1 mA Output Impedance 2 Ω External Reference (REFIN) 2.0 3.0 V Load Current 2.5 µA VBIAS Output Using Internal Reference 3.15 3.3 3.45 V Drift 50 ppm/ °C Load Current 10 mA DIGITAL INPUT/OUTPUT Logic Family TTL Compatible CMOS Logic Levels: VIH (MCLK) IIH = +5µA 2.0 DVDD +0.3 V VIL (MCLK) IIL = +5µA –0.3 0.8 V VOH (MOUT) IOH = 2 TTL Loads 2.4 V VOL (MOUT) IOL = 2 TTL Loads 0.4 V MCLK Frequency 0.02 1 MHz POWER SUPPLY REQUIREMENTS Power Supply Voltage Specified Performance 4.75 5.25 V Supply Current Analog Current 4.6 mA Digital Current 0.4 mA Additional Analog Current REFOUT Enabled No Load 1.6 mA VBIAS Enabled No Load 1 mA Total Power Dissipation REFOUT, VBIAS Disabled 25 40 mW TEMPERATURE RANGE Specified Performance –40 +85 °C NOTES: (1) This range is set with external resistors and VBIAS (as described in the text). Other ranges are possible. (2) After the on-chip offset and gain calibration functions have been employed. (3) Re-calibration can reduce these errors. (4) Input impedance changes with MCLK. (5) Assume brick wall digital filter is used. (6) 20 Log (full scale/r ms noise). (7) After calibration, these errors will be of the order of the effective resolution. |
Số phần tương tự - ADS1201U |
|
Mô tả tương tự - ADS1201U |